Electronic Components Datasheet Search
  English  ▼

X  

VNQ860 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNQ860
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ860 Datasheet(HTML) 4 Page - STMicroelectronics

  VNQ860 Datasheet HTML 1Page - STMicroelectronics VNQ860 Datasheet HTML 2Page - STMicroelectronics VNQ860 Datasheet HTML 3Page - STMicroelectronics VNQ860 Datasheet HTML 4Page - STMicroelectronics VNQ860 Datasheet HTML 5Page - STMicroelectronics VNQ860 Datasheet HTML 6Page - STMicroelectronics VNQ860 Datasheet HTML 7Page - STMicroelectronics VNQ860 Datasheet HTML 8Page - STMicroelectronics VNQ860 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VNQ860-E / VNQ860SP-E
4/15
Electrical Characteristics (8V < VCC < 36V; -40°C < TJ < 150°C; unless otherwise specified)
Table 3.
Power Section
Table 4.
Switching ( VCC = 24V)
Table 5.
Protections ( Per channel )
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
5.5
36
V
VUSD
Undervoltage shut-down
3
4
5.5
V
VOV
Overvoltage shut-down
36
42
48
V
RON
On state resistance
(per channel)
IOUT = 0.25A; TJ = 25°C;
IOUT = 0.25A;
270
540
m
Ω
IS
Supply current
OFF state; VCC = 24V; TC = 25°C
ON state ( all channels ON )
70
5
120
10
µΑ
mA
ILGND
Output current
VCC - VSTAT = VIN = VGND = 24V;
VOUT = 0V
1mA
IL(OFF)
OFF state output current
VIN = VOUT = 0V
010
µΑ
IOUTleak
OFF state output
leakage current
VIN = VGND = 0V; VCC = VOUT = 24V;
Tamb = 25°C
240
µΑ
IOUTleak
OFF state output
leakage current
VIN = VGND = 0V; VCC = 24V;
VOUT = 10V; Tamb = 25°C
100
µΑ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
t(ON)
Turn-on delay time of
Output current
RL = 96 from VIN rising edge to
VOUT = 2.4V
10
µs
t(OFF)
Turn-off delay time of
Output current
RL = 96 from VIN rising edge to
VOUT = 21.6V
40
µs
(dVOUT/dt)on Turn-on voltage slope
RL = 96 from VOUT = 2.4V to 19.2V
0.75
V
/µs
(dVOUT/dt)off Turn-off voltage slope
RL = 96 from VOUT = 21.6V to 2.4V
0.25
V
/µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ilim
Current limitation
0.35
0.7
1.1
A
T(hyst)
Thermal hysteresis
7
15
°C
TTSD
Thermal shut-down
temperature
150
175
200
°C
TR
Reset temperature
135
°C
Vdemag
Turn-off output clamp
voltage
IOUT = 0.25A, VCC = 24V
VCC-59 VCC-52 VCC-47
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com