Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 140 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 136Page - ATMEL Corporation AT90PWM3 Datasheet HTML 137Page - ATMEL Corporation AT90PWM3 Datasheet HTML 138Page - ATMEL Corporation AT90PWM3 Datasheet HTML 139Page - ATMEL Corporation AT90PWM3 Datasheet HTML 140Page - ATMEL Corporation AT90PWM3 Datasheet HTML 141Page - ATMEL Corporation AT90PWM3 Datasheet HTML 142Page - ATMEL Corporation AT90PWM3 Datasheet HTML 143Page - ATMEL Corporation AT90PWM3 Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 361 page
background image
141
4317I–AVR–01/08
AT90PWM2/3/2B/3B
fractional divider number. The resulting output frequency is the average of the frequencies in the
frame. The fractional divider (d) is given by OCRnRB[15:12].
The PSC output period is directly equal to the PSCOUTn0 On Time + Dead Time (OT0+DT0)
and PSCOUTn1 On Time + DeadTime (OT1+DT1) values. These values are 12 bits numbers.
The frequency adjustment can only be done in steps like the dedicated counters. The step width
is defined as the frequency difference between two neighboring PSC frequencies:
with k is the number of CLKPSC period in a PSC cycle and is given by the following formula:
with f
OP is the output operating frequency.
Exemple, in normal mode, with maximum operating frequency 160 kHz and f
PLL = 64 Mhz, k
equals 400. The resulting resolution is Delta F equals 64MHz / 400 / 401 = 400 Hz.
In enhanced mode, the output frequency is the average of the frame formed by the 16 consecu-
tive cycles.
f
b1 and fb2 are two neightboring base frequencies.
Then the frequency resolution is divided by 16. In the example above, the resolution equals 25
Hz.
Δff1 f2
–
f
PLL
k
----------
f
PLL
k
1
+
------------
–
f
PSC
1
kk
1
+
()
--------------------
×
==
=
n
f
PSC
f
OP
----------
=
f
AVERAGE
16
d
–
16
---------------
f
b1
×
d
16
------
f
b2
×
+
=
f
AV ERAGE
16
d
–
16
---------------
f
PLL
n
----------
×
d
16
------
f
PLL
n
1
+
------------
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com