Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 141 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 137Page - ATMEL Corporation AT90PWM3 Datasheet HTML 138Page - ATMEL Corporation AT90PWM3 Datasheet HTML 139Page - ATMEL Corporation AT90PWM3 Datasheet HTML 140Page - ATMEL Corporation AT90PWM3 Datasheet HTML 141Page - ATMEL Corporation AT90PWM3 Datasheet HTML 142Page - ATMEL Corporation AT90PWM3 Datasheet HTML 143Page - ATMEL Corporation AT90PWM3 Datasheet HTML 144Page - ATMEL Corporation AT90PWM3 Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 361 page
background image
142
4317I–AVR–01/08
AT90PWM2/3/2B/3B
16.7.1
Frequency distribution
The frequency modulation is done by switching two frequencies in a 16 consecutive cycle frame.
These two frequencies are f
b1 and fb2 where fb1 is the nearest base frequency above the wanted
frequency and f
b2 is the nearest base frequency below the wanted frequency. The number of fb1
in the frame is (d-16) and the number of f
b2 is d. The fb1 and fb2 frequencies are evenly distrib-
uted in the frame according to a predefined pattern. This pattern can be as given in the following
table or by any other implementation which give an equivallent evenly distribution.
Table 16-5.
Distribution of f
b2 in the modulated frame
While ‘X’ in the table, f
b2 prime to fb1 in cycle corresponding cycle.
So for each row, a number of fb2 take place of fb1.
Figure 16-12. Resulting Frequency versus d.
Distribution of fb2 in the modulated frame
PWM - cycle
Fraction
al
Divider
(d)
012345
678910
11
12
13
14
15
0
1X
2X
X
3X
X
X
4X
X
X
X
5
XXX
X
X
6
XXX
XXX
7
XXX
XXXX
8
XXX
XXXX
X
9
X
X
X
X
XXXX
X
10
XXX
X
X
XXX
X
X
11
XXX
XX
X
XXX
X
X
12
XXX
XX
X
XXX
XX
X
13
XXXXXX
X
XXX
XX
X
14
XXXXXX
X
XXXXXX
X
15
XXXXXX
XXXXXXXX
X
fb1
fb2
d:
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
f
OP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com