Electronic Components Datasheet Search
  English  ▼

X  

DDZX9693TS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDZX9693TS
Description  TRIPLE SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX9693TS Datasheet(HTML) 4 Page - Diodes Incorporated

  DDZX9693TS Datasheet HTML 1Page - Diodes Incorporated DDZX9693TS Datasheet HTML 2Page - Diodes Incorporated DDZX9693TS Datasheet HTML 3Page - Diodes Incorporated DDZX9693TS Datasheet HTML 4Page - Diodes Incorporated DDZX9693TS Datasheet HTML 5Page - Diodes Incorporated DDZX9693TS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
26
30
34
38
V , ZENER BREAKDOWN VOLTAGE (V)
Fig. 8 Typical Reverse Characteristics, DDZX9711TS - DDZX9715TS
Z
28
32
36
1m
100n
10m
100m
38
42
46
50
V , ZENER BREAKDOWN VOLTAGE (V)
Fig. 9 Typical Reverse Characteristics,
DDZX9716TS - DDZX9717TS
Z
40
44
48
1m
100n
10m
100m
0.1
10
100
1
1,000
10,000
2
3
4
5
67
V , ZENER VOLTAGE (V)
Fig. 10 Typical Zener Impedance Characteristics,
DDZX9689TS - DDZX9692TS
Z
0.1
10
100
1
1,000
10,000
78
9
10
11
12
V , ZENER VOLTAGE (V)
Fig. 11 Typical Zener Impedance Characteristics,
DDZX9693TS - DDZX9699TS
Z
0.1
10
100
1
1,000
10,000
12
13
14
15
16
17
18
V , ZENER VOLTAGE (V)
Fig. 12 Typical Zener Impedance Characteristics,
DDZX9699TS - DDZX9705TS
Z
0.1
10
100
1
1,000
10,000
18
19
20
21
22
23
24
V , ZENER VOLTAGE (V)
Fig. 13 Typical Zener Impedance Characteristics,
DDZX9705TS - DDZX9709TS
Z
DS30412 Rev. 5 - 2
4 of 6
www.diodes.com
DDZX9688TS - DDZX9716TS
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com