Electronic Components Datasheet Search
  English  ▼

X  

STPP11210ZP Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # STPP11210ZP
Description  Pan Head Pozidriv Self Tapping Screws
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

STPP11210ZP Datasheet(HTML) 1 Page - Premier Farnell Limited.

  STPP11210ZP Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Length
Price Per Pack (200)
Gauge
(inches)
(mm)
Driver Size
Order Code
No. 4
1
⁄4"
6PZ1
137-7680
No. 4
3
⁄8"
9.5
PZ1
137-7682
No. 4
1
⁄2"
13
PZ1
137-7683
No. 6
1
⁄2"
13
PZ2
137-7684
No. 6
5/
8"
16
PZ2
137-7685
No. 6
3
⁄4"
20
PZ2
137-7686
No. 6
1"
25
PZ2
137-7687
No. 8
1
⁄2"
13
PZ2
137-7688
No. 8
5/
8"
16
PZ2
137-7689
No. 8
3
⁄4"
20
PZ2
137-7690
No. 8
1"
25
PZ2
137-7691
No. 8
11⁄4"
32
PZ2
137-7692
No. 8
13⁄4"
44
PZ2
137-7694
No. 10
1
⁄2"
13
PZ2
137-7695
No. 10
3
⁄4"
20
PZ2
137-7696
No. 10
1"
25
PZ2
137-7697
No. 10
11⁄4"
32
PZ2
137-7698
No. 10
11⁄2"
38
PZ2
137-7699
No. 10
2"
50
PZ2
137-7701
Pan Head Pozidriv Self Tapping Screws
Ì Zinc plated
Ì Fully threaded
Ì Supplied in packs of 200
506886


Similar Part No. - STPP11210ZP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPP0100 STMICROELECTRONICS-STPP0100 Datasheet
98Kb / 9P
Laser pico projection specific image-processor
21-Nov-2012
STPP0100-AA STMICROELECTRONICS-STPP0100-AA Datasheet
98Kb / 9P
Laser pico projection specific image-processor
21-Nov-2012
STPP0101 STMICROELECTRONICS-STPP0101 Datasheet
98Kb / 9P
Laser pico projection specific image-processor
21-Nov-2012
STPP0101-AA STMICROELECTRONICS-STPP0101-AA Datasheet
98Kb / 9P
Laser pico projection specific image-processor
21-Nov-2012
More results

Similar Description - STPP11210ZP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
151-4409 ETC1-151-4409 Datasheet
29Kb / 1P
Pan Head, Cross Head Metric Screws
MS04050006081FA ETC2-MS04050006081FA Datasheet
704Kb / 1P
pozidriv cross recessed pan head machine screws
561-P440375 ETC2-561-P440375 Datasheet
176Kb / 2P
Slotted Pan Machine Screws
logo
Ohmite Mfg. Co.
SINK-C40 OHMITE-SINK-C40 Datasheet
386Kb / 2P
40mm fan with 4 self-tapping M3 screws
logo
PHOENIX CONTACT
SF-PH-0-60 PHOENIX-SF-PH-0-60 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-3-150 PHOENIX-SF-PH-3-150 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SZG-0 PHOENIX-SZG-0 Datasheet
80Kb / 4P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PHSL-1-80-S-VDE PHOENIX-SF-PHSL-1-80-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-2-100-S-VDE PHOENIX-SF-PZ-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
logo
List of Unclassifed Man...
BN82428 ETC-BN82428 Datasheet
137Kb / 2P
Pozi pan head screws with cross recess Pozidriv type Z
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com