Electronic Components Datasheet Search
  English  ▼

X  

D03353 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03353
Description  Mini Gas Blow Torches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03353 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03353 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/10/20
Mini Gas Blow Torches
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Piezo auto ignition
•  Safety lock
•  Fuelled by a standard cigarette lighter inside the handle (not supplied)
•  Supplied with stand
•  Can also be used in the kitchen for culinary purposes
•  Requires butane gas (not supplied)
Specification for D03353
Temperature Max 
: 1300°C  
Run Time 
: 20min  
Weight 
: 68g  
External Height 
: 115mm  
External Width 
: 72mm  
External Depth 
: 20mm  
Specification for D03354
Temperature Max 
: 1300°C  
Run Time 
: 20min  
Weight 
: 51g  
External Height 
: 105mm  
External Width 
: 60mm  
External Depth 
: 27mm  
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Mini Gas Blow Torch, 1300°C, 20min Run Time, 68g
D03353
Mini Gas Blow Torch, 1300°C, 20min Run Time, 51g
D03354
D03353
D03354
Features
•  Piezo auto ignition
•  Safety lock
•  Continuous flame lock
•  Stand built into the base
•  Can also be used in the kitchen for culinary purposes
•  Requires butane gas (not supplied)


Similar Part No. - D03353

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03356 DURATOOL-D03356 Datasheet
229Kb / 2P
Gas Blow Torches
08/10/20 V1.0
D03357 DURATOOL-D03357 Datasheet
229Kb / 2P
Gas Blow Torches
08/10/20 V1.0
D03358 DURATOOL-D03358 Datasheet
209Kb / 1P
Gas Soldering Iron and Tips
07/10/20 V1.0
D03359 DURATOOL-D03359 Datasheet
250Kb / 1P
Gas Soldering Iron Kit and Tips
07/10/20 V1.0
More results

Similar Description - D03353

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
GT-1X MICRO-ELECTRONICS-GT-1X Datasheet
109Kb / 1P
GT-1X Series are small gifts that can be used as mini torches
logo
Bourns Electronic Solut...
2087-80 BOURNS-2087-80 Datasheet
253Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
2089-100 BOURNS-2089-100 Datasheet
341Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
logo
Protek Devices
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
slow blow fuses
logo
Energizer
KPR104 ENERGIZER-KPR104 Datasheet
30Kb / 1P
Essential??Torches
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
SLOW BLOW FUSES
logo
Bourns Electronic Solut...
2087-80 BOURNS-2087-80_15 Datasheet
208Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
logo
TE Connectivity Ltd
KUEP TEC-KUEP Datasheet
337Kb / 3P
Magnetic blow-out
logo
Bourns Electronic Solut...
2087 BOURNS-2087 Datasheet
234Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
Slow Blow
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com