Electronic Components Datasheet Search
  English  ▼

X  

D03363 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03363
Description  Gas Blow Torches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03363 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03363 Datasheet HTML 1Page - Premier Farnell Limited. D03363 Datasheet HTML 2Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
08/10/20
Gas Blow Torches
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features for D03357
•  Uses a standard butane canister (not supplied)
•  Anti-flare design
•  Piezo auto ignition
•  Adjustable gas flow
•  Immediate shut-off function
•  Safety switch
•  Can also be used in the kitchen for culinary purposes
Features for D03356, D03362 and D03363
•  Piezo auto ignition
•  Safety lock
•  Continuous operation lock
•  Adjustable gas flow
•  Supplied with stand
•  Can also be used in the kitchen for culinary purposes
•  Requires butane gas (not supplied)
Specification for D03356
Fuel Capacity 
: 25ml  
D03356
D03362
D03363
D03357
D03361
Features for D03361
•  Uses a standard butane canister (not supplied)
•  Piezo auto ignition
•  Adjustable gas flow
•  Can also be used in the kitchen for culinary purposes
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Weight
Height
Width
Depth Part Number
Gas Blow Torch with stand, 1300°C, 40min Run Time
150g
165mm
65mm
105mm
D03356
Gas Blow Torch
190g
68mm
55mm
160mm
D03357
Gas Blow Torch, 1300°C
150g
65mm
150mm
45mm
D03361
Gas Blow Torch with stand, 1300°C, 45min Run Time
262g
180mm
60mm
133mm
D03362
Gas Blow Torch with stand, 1300°C, 30min Run Time
212g
160mm
60mm
105mm
D03363


Similar Part No. - D03363

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03360 DURATOOL-D03360 Datasheet
197Kb / 1P
Gas Soldering Iron and Tips
08/10/20 V1.0
D03364 DURATOOL-D03364 Datasheet
159Kb / 1P
Mini Gas Blow Torches
02/10/20 V1.0
More results

Similar Description - D03363

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5MF BEL-5MF Datasheet
94Kb / 2P
Fast Blow Fuse Series
3AB BEL-3AB Datasheet
96Kb / 2P
Fast Blow Fuse Series
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
Slow Blow Fuse Series
logo
Protek Devices
PF1206S7 PROTEC-PF1206S7 Datasheet
482Kb / 6P
slow blow chip fuses
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
slow blow fuses
logo
Bel Fuse Inc.
3SB BEL-3SB_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
logo
Energizer
KPR104 ENERGIZER-KPR104 Datasheet
30Kb / 1P
Essential??Torches
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
SLOW BLOW FUSES
logo
TE Connectivity Ltd
KUEP TEC-KUEP Datasheet
337Kb / 3P
Magnetic blow-out
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
Slow Blow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com