Electronic Components Datasheet Search
  English  ▼

X  

TPS731 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS731
Description  TPS731 Capacitor-Free, NMOS, 150mA, Low-Dropout Regulator With Reverse Current Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS731 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS731 Datasheet HTML 17Page - Texas Instruments TPS731 Datasheet HTML 18Page - Texas Instruments TPS731 Datasheet HTML 19Page - Texas Instruments TPS731 Datasheet HTML 20Page - Texas Instruments TPS731 Datasheet HTML 21Page - Texas Instruments TPS731 Datasheet HTML 22Page - Texas Instruments TPS731 Datasheet HTML 23Page - Texas Instruments TPS731 Datasheet HTML 24Page - Texas Instruments TPS731 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, junction temperature should be limited to 125°C maximum. To estimate the
margin of safety in a complete design (including heatsink), increase the ambient temperature until the thermal
protection is triggered; use worst-case loads and signal conditions. For good reliability, thermal protection should
trigger at least 35°C above the maximum expected ambient condition of your application. This produces a
worst-case junction temperature of 125°C at the highest expected ambient temperature and worst-case load.
The internal protection circuitry of the TPS731xx has been designed to protect against overload conditions.
It was not intended to replace proper heatsinking. Continuously running the TPS731xx into thermal shutdown
degrades device reliability.
7.4.1.2 Power Dissipation
The ability to remove heat from the die is different for each package type, presenting different considerations
in the PCB layout. The PCB area around the device that is free of other components moves the heat from the
device to the ambient air. Performance data for JEDEC boards are shown in the Thermal Information table.
Using heavier copper increases the effectiveness in removing heat from the device.
Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the product
of the output current times the voltage drop across the output pass transistor (VIN to VOUT):
PD= VIN−VOUT ×IOUT
(6)
Power dissipation is minimized by using the lowest possible input voltage necessary to provide the required
output voltage.
7.4.2 Layout Examples
EN
VOUT
VIN
GND
PLANE
TPS731
C
OUT
GND
PLANE
R1
R2
C
IN
Figure 7-7. Example Layout for the Adjustable-Output Version (DBV Package)
GND
EN
VOUT
VIN
GND
1
2
3
5
4
CIN
COUT
CNR
Figure 7-8. Layout Example for the Fixed-Output Version (DBV Package)
www.ti.com
TPS731
SBVS034P – SEPTEMBER 2003 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com