Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS73201DBVR
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73201DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73201DBVR Datasheet HTML 9Page - Texas Instruments TPS73201DBVR Datasheet HTML 10Page - Texas Instruments TPS73201DBVR Datasheet HTML 11Page - Texas Instruments TPS73201DBVR Datasheet HTML 12Page - Texas Instruments TPS73201DBVR Datasheet HTML 13Page - Texas Instruments TPS73201DBVR Datasheet HTML 14Page - Texas Instruments TPS73201DBVR Datasheet HTML 15Page - Texas Instruments TPS73201DBVR Datasheet HTML 16Page - Texas Instruments TPS73201DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
5.8 Typical Characteristics (continued)
for all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1μF (unless otherwise
noted)
10 ms/div
50 mV/div
50 mV/div
1 V/div
V
OUT
V
OUT
V
IN
I
OUT
= 250 mA
5.5 V
4.5 V
dV
IN
dt
= 0.5 V/ms
C
OUT
= 0 mF
C
OUT
= 100 mF
Legacy silicon
Figure 5-37. TPS73233 Line Transient Response
New silicon
Figure 5-38. TPS73233 Line Transient Response
100 ms/div
1 V/div
1 V/div
R
L
= 20 W
C
OUT
= 10 mF
2 V
0 V
R
L = 1 k W
C
OUT
= 0 mF
R
L
= 20 W
C
OUT
= 1 F
m
V
OUT
V
EN
Legacy silicon
Figure 5-39. TPS73233 Turn-On Response
New silicon
Figure 5-40. TPS73233 Turn-On Response
100 ms/div
1 V/div
1 V/div
R
L
= 20 W
C
OUT
= 10
F
m
2 V
0 V
R
L
= 1 kW
C
OUT
= 0 mF
R
L
= 20 W
C
OUT
= 1mF
V
OUT
V
EN
Legacy silicon
Figure 5-41. TPS73233 Turn-Off Response
New silicon
Figure 5-42. TPS73233 Turn-Off Response
www.ti.com
TPS732
SBVS037S – AUGUST 2003 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com