Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVR Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS73601DBVR
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73601DBVR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS73601DBVR Datasheet HTML 25Page - Texas Instruments TPS73601DBVR Datasheet HTML 26Page - Texas Instruments TPS73601DBVR Datasheet HTML 27Page - Texas Instruments TPS73601DBVR Datasheet HTML 28Page - Texas Instruments TPS73601DBVR Datasheet HTML 29Page - Texas Instruments TPS73601DBVR Datasheet HTML 30Page - Texas Instruments TPS73601DBVR Datasheet HTML 31Page - Texas Instruments TPS73601DBVR Datasheet HTML 32Page - Texas Instruments TPS73601DBVR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
8.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision W (May 2025) to Revision X (May 2025)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added new silicon ground pin current spec........................................................................................................6
Changes from Revision V (September 2024) to Revision W (May 2025)
Page
• Updated DRB (VSON) for DRB0008A package outline..................................................................................... 4
• Added new silicon DBV thermals....................................................................................................................... 4
• Changed discussion of EN and added information about EN turning the regulator on in Enable Pin and
Shutdown section............................................................................................................................................. 18
• Deleted Package Mounting section.................................................................................................................. 25
• Changed legacy chip to legacy silicon in Device Nomenclature table..............................................................28
Changes from Revision U (January 2015) to Revision V (September 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added M3 devices to document and added the M3 new silicon Thermal Information table.............................. 1
• Changed max output current.............................................................................................................................. 4
• Changed VFB typical value................................................................................................................................ 6
• Added new silicon current limit........................................................................................................................... 6
• Added new silicon plots to Typical Characteristics section.................................................................................7
• Changed Output current value from 500mA to 400mA in Design Parameters (Fixed-Voltage Version) table..20
• Changed Detailed Design Procedure section: Changed dropout voltage value from 0.5A to 0.4A, changed
maximum dropout voltage from an estimation to 200mV ................................................................................ 20
• Added new silicon plots to Application Curves section.....................................................................................23
• Added Layout Example for the DBV Package Adjustable Version through Layout Example for the DCQ
Package Fixed Version figures to Layout Examples section............................................................................25
• Added M3 information to Device Nomenclature section...................................................................................28
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com