Electronic Components Datasheet Search
  English  ▼

X  

2N4401 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2N4401
Description  General Purpose Switching Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2N4401 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2N4401 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N4401
& 2N4403
General Purpose Switching Transistors
Absolute Maximum Ratings
Electrical Characteristics (Ta = 25°C unless otherwise specified)
Parameters
Symbol
2N4401
2N4403
Unit
Collector Emitter Voltage
VCEO
40
40
V
Collector Base Voltage
VCBO
60
Emitter Base Voltage
VEBO
6
5
Collector Current Continuous
IC
600
mA
Power Dissipation at Ta = 25°C
Derate above 25°C
PD
625
5.0
mW
mW/°C
Power Dissipation at TC = 25°C
Derate above 25°C
1.5
12
W
W/°C
Operating and Storage Junction
Temperature Range
Tj, Tstg
-55 to +150
°C
Thermal Resistance
Junction to Case
Rth(j-c)
83.3
°C/W
Junction to Ambient
Rth(j-a)
200
Parameters
Symbol
Test Condition
2N4401
2N4403
Unit
Collector Emitter Voltage
BVCEO*
IC = 1mA, IB = 0
>40
>40
V
Collector Base Voltage
BVCBO
IC = 100
µA, IE = 0
>60
Emitter Base Voltage
BVEBO
IE = 100µA, IC = 0
>6
>5
Base Cut off Current
IBEV
VCE = 35V, VEB = 0.4V
<0.1
<0.1
µA
Collector Cut off Current
ICEX
VCE = 35V, VEB = 0.4V
Collector Emitter Saturation Voltage
VCE(Sat)*
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
<0.4
<0.75
<0.4
<0.75
V
Base Emitter Saturation Voltage
VBE(Sat) *
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
0.75 - 0.95
<1.2
0.75 - 0.95
<1.3
DC Current Gain
hFE
IC = 0.1mA, VCE = 1V
IC = 1mA, VCE = 1V
IC = 10mA, VCE = 1V
IC = 150mA, VCE = 1V*
IC = 150mA, VCE = 2V*
IC = 500mA, VCE = 2V*
>20
>40
>80
100 - 300
-
>40
>30
>60
>100
-
100 - 300
>20
-
Dynamic Characteristics
Small Signal Current Gain
hfe
IC = 1mA, VCE = 10V, f = 1kHz
40 - 500
60 - 500
-
Input Impedance
hie
IC = 1mA, VCE = 10V, f = 1kHz
1.0 - 15
1.5 - 15
k
Ω
*Pulse Test : Pulse Width:
≤300µs, Duty ≤2.0%
Page 2
31/05/05 V1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com