Electronic Components Datasheet Search
  English  ▼

X  

LIS344ALHTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS344ALHTR
Description  MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS344ALHTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS344ALHTR Datasheet HTML 5Page - STMicroelectronics LIS344ALHTR Datasheet HTML 6Page - STMicroelectronics LIS344ALHTR Datasheet HTML 7Page - STMicroelectronics LIS344ALHTR Datasheet HTML 8Page - STMicroelectronics LIS344ALHTR Datasheet HTML 9Page - STMicroelectronics LIS344ALHTR Datasheet HTML 10Page - STMicroelectronics LIS344ALHTR Datasheet HTML 11Page - STMicroelectronics LIS344ALHTR Datasheet HTML 12Page - STMicroelectronics LIS344ALHTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LIS344ALH
Mechanical and electrical specifications
9/19
2.3
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 5.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 7
V
Vin
Input voltage on any control pin (FS, ST, PD)
-0.3 to Vdd +0.3
V
APOW
Acceleration (any axis, powered, Vdd = 3.3 V)
3000 g for 0.5 ms
10000 g for 0.1 ms
AUNP
Acceleration (any axis, not powered)
3000 g for 0.5 ms
10000 g for 0.1 ms
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
4 (HBM)
KV
1.5 (CDM)
KV
400 (MM)
V
This is a mechanical shock sensitive device, improper handling can cause permanent
damages to the part
This is an ESD sensitive device, improper handling can cause permanent damages to
the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com