Electronic Components Datasheet Search
  English  ▼

X  

ML485 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # ML485
Description  1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ML485 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  ML485 Datasheet HTML 1Page - WJ Communication. Inc. ML485 Datasheet HTML 2Page - WJ Communication. Inc. ML485 Datasheet HTML 3Page - WJ Communication. Inc. ML485 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 4 February 2008 Rev 1
ML485
1.6–3.2 GHz High IP3 Mixer with Integrated LO Amp
Product Features
• High dynamic range mixer with
integrated LO driver
• +35 dBm Input IP3
• 8 dB Conversion Loss
• RF: 1600 – 3200 MHz
• LO: 1400 – 3500 MHz
• IF: 50 – 300 MHz
• 5V Supply @ 40 mA
• 0 dBm Drive Level
• RoHS-compliant MSOP8 (14mm
2)
Applications
• PCS / 3G Base station / Repeaters
• TD-SCDMA / WCDMA
• WiMAX / WiBro
• ISM / Fixed Wireless
• HPA Feed Back Paths
Product Description
The ML485 high linearity converter combines a passive
GaAsFET mixer with an integrated LO driver in an ultra-
small lead-free/green/RoHS-compliant MSOP-8 package.
The High dynamic range mixer is able to operate across a
wide 1.6-3.2 GHz frequency range to achieve +35 dBm
Input IP3 while drawing a very low 40mA current. The
ML485 can be used as an upconverter or downconverter in
a low-side or high-side LO configuration.
A LO buffer amplifier is integrated on the chip to allow for
operation directly from a synthesizer, requiring only 0 dBm
of drive level. The dual-stage LO driver provides a stable
input power level into the mixer to allow for consistent
performance over a wide range of LO power levels. The
converter requires no external baluns and supports a wide
range of IF frequencies.
Typical
applications
include
frequency
up/down
conversion, modulation and demodulation for receivers and
transmitters used in 2.5G and 3G mobile infrastructure.
Due to the wide frequency range of operation, the converter
can also be used for WiMAX, WiBro, ISM, and fixed
wireless applications.
Functional Diagram
Function
Pin No.
Vcc
4
RF
8
IF
5
LO
1
GND
2, 3, 6, 7
GND
Backside Paddle
Specifications
(1)
Parameter
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RF Frequency Range
MHz
1700 – 1800
1800 – 2200
2300 – 2400
2500 – 2700
LO Frequency Range
MHz
1400 – 1750
1500 – 2150
2000 - 2350
2200 – 2650
IF Frequency Range
MHz
50 – 300
50 – 300
50 – 300
50 – 300
SSB Conversion Loss
dB
9.4
10.5
8.7
10
8.5
8.5
Input IP3
(2)
dBm
28
+33
30
+34
+37
+38
LO leakage at RF port
dBm
-5
-2
-1
-1
LO leakage at IF port
dBm
-11
-18
-25
-15
RF – IF Isolation
dB
13
16
14
11
Return Loss: RF Port
dB
13
13
15
16
Return Loss: IF Port
dB
14
14
14
14
Return Loss: LO Port
dB
10
10
12
13
Input P1dB
dBm
20
20
19.5
19.5
LO Drive Level
dBm
-2 to +4
-2 to +4
-2 to +4
-2 to +4
Operating Supply Voltage
V
+5
+5
+5
+5
Operating Current
mA
40
40
40
40
1. Specifications are shown at 25 °C, 0 dBm LO drive, IF = 200 MHz, Vdd=5V in a downconverting configuration with a low-side LO.
2. IIP3 is measured with ∆f = 1 MHz with RFin = 0 dBm / tone.
Absolute Maximum Rating
Parameter
Rating
Storage Temperature
-65 to +150 ºC
Thermal Resistance, Rth
104 °C / W
Junction Temperature, Tj
150 °C
DC Voltage
+7 V
LO Power
+10 dBm
Input RF Power
+27 dBm
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
ML485-G
1.6–3.2 GHz High IP3 Mixer w/ Integrated LO Amp
ML485-PCB
Full Assembled Evaluation Board
Standard T/R size = 1000 pieces on a 7” reel.
1
2
3
4
8
7
6
5
RF
IF
GND
LO
GND
GND
Vcc
GND


Similar Part No. - ML485

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G Datasheet
459Kb / 9P
1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-PCB TRIQUINT-ML485-PCB Datasheet
299Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-PCB TRIQUINT-ML485-PCB Datasheet
459Kb / 9P
1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML485

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
logo
WJ Communication. Inc.
ML501 WJCI-ML501 Datasheet
310Kb / 4P
1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML401 WJCI-ML401 Datasheet
301Kb / 4P
1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
logo
TriQuint Semiconductor
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com