Electronic Components Datasheet Search
  English  ▼

X  

RP3SL012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RP3SL012
Description  Special Load PCB Relay RP 3 SL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RP3SL012 Datasheet(HTML) 1 Page - Tyco Electronics

  RP3SL012 Datasheet HTML 1Page - Tyco Electronics RP3SL012 Datasheet HTML 2Page - Tyco Electronics RP3SL012 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Special Load PCB Relay RP 3 SL
I 1 pole 16 A, 1 NO contact
I For high inrush currents,
I 120 A / 20 ms inrush peak current
I Mono- or bistable
I 4 kV / 8 mm coil-contact
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0404
Applications
Lighting control, timers, motor control, building automation
F0147-A
Approvals
VREG.-Nr. 3736 (DC versions only), Z E214024, H 2011340.05 (DC vers. only)
Technical data of approved types on request
Contact data
Contact configuration
1 NO
Contact set
single contact
Type of interruption
micro-disconnection
Rated current
16 A
Rated voltage / max.switching voltage AC
240/400 VAC
Limiting continuous current
16 A
Maximum breaking capacity AC
4000 VA
Limiting making capacity, max 4 s, duty factor 10%
25 A
peak value, max 20 ms
120 A
Contact material
AgSnO2
Mechanical endurance DC
> 20x106 cycles
bistable
> 1x 106 cycles
Rated frequency of operation with / without load
16 / 1200 min-1
Contact ratings
Type
Load
Cycles
RP3SL
16 A, 250 VAC, 70°C, 16 min-1, IEC61810-1
5x104
RP3SL
12 A, 250 VAC, 70°C, 16 min-1, IEC61810-1
1x105
Coil data
Coil data, monostable coil
Rated coil voltage range
5...110 VDC
Coil power
typ 520 mW
Operative range RTII / RTIII
2 / 1
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
012
12
9.0
1.2
270+
+10%
533
024
24
18.0
2.4
1100+
+15%
524
048
48
36.0
4.8
4400+15%
524
060
60
45.0
6.0
6540+15%
550
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - RP3SL012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP3SL012 MACOM-RP3SL012 Datasheet
208Kb / 3P
Special Load PCB Relay
logo
TE Connectivity Ltd
RP3SL012 TEC-RP3SL012 Datasheet
286Kb / 3P
Special Load PCB Relay RP3SL
More results

Similar Description - RP3SL012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP3SL MACOM-RP3SL Datasheet
208Kb / 3P
Special Load PCB Relay
40957 MACOM-40957 Datasheet
180Kb / 2P
Special Load PCB Relay
logo
Omron Electronics LLC
G5PA-1 OMRON-G5PA-1 Datasheet
632Kb / 6P
Special-purpose PCB Relay
logo
fujitsu semiconductor
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
logo
Tyco Electronics
RP310005 MACOM-RP310005 Datasheet
535Kb / 3P
Power PCB Relay RP II/1
RP420005 MACOM-RP420005 Datasheet
404Kb / 2P
Power PCB Relay RP II/2
logo
Omron Electronics LLC
G5G1ADC18 OMRON-G5G1ADC18 Datasheet
521Kb / 3P
Special-purpose PCB Relay
logo
List of Unclassifed Man...
CONREVSMA001 ETC2-CONREVSMA001 Datasheet
143Kb / 1P
RP-SMA FEMALE PCB MOUNT
logo
PHOENIX CONTACT
1614348 PHOENIX-1614348 Datasheet
41Kb / 2P
Special wrench - SL-Z0016
logo
TE Connectivity Ltd
RP3SL012 TEC-RP3SL012 Datasheet
286Kb / 3P
Special Load PCB Relay RP3SL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com