Electronic Components Datasheet Search
  English  ▼

X  

D03364 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03364
Description  Mini Gas Blow Torches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03364 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03364 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
02/10/20
Mini Gas Blow Torches
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Piezo auto ignition
•  Adjustable gas flow
•  Can also be used in the kitchen for culinary purposes
Specification
Temperature Max 
: 1300°C  
Run Time 
: 40min  
Weight 
: 135g  
External Height 
: 135mm 
External Width 
: 85mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Mini Gas Blow Torch with stand, 1300°C, 40min Run Time
D03364


Similar Part No. - D03364

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03360 DURATOOL-D03360 Datasheet
197Kb / 1P
Gas Soldering Iron and Tips
08/10/20 V1.0
D03361 DURATOOL-D03361 Datasheet
229Kb / 2P
Gas Blow Torches
08/10/20 V1.0
D03362 DURATOOL-D03362 Datasheet
229Kb / 2P
Gas Blow Torches
08/10/20 V1.0
D03363 DURATOOL-D03363 Datasheet
229Kb / 2P
Gas Blow Torches
08/10/20 V1.0
More results

Similar Description - D03364

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
GT-1X MICRO-ELECTRONICS-GT-1X Datasheet
109Kb / 1P
GT-1X Series are small gifts that can be used as mini torches
logo
Bourns Electronic Solut...
2087-80 BOURNS-2087-80 Datasheet
253Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
2089-100 BOURNS-2089-100 Datasheet
341Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
logo
Protek Devices
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
slow blow fuses
logo
Energizer
KPR104 ENERGIZER-KPR104 Datasheet
30Kb / 1P
Essential??Torches
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
SLOW BLOW FUSES
logo
Bourns Electronic Solut...
2087-80 BOURNS-2087-80_15 Datasheet
208Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
logo
TE Connectivity Ltd
KUEP TEC-KUEP Datasheet
337Kb / 3P
Magnetic blow-out
logo
Bourns Electronic Solut...
2087 BOURNS-2087 Datasheet
234Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
Slow Blow
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com