Electronic Components Datasheet Search
  English  ▼

X  

D03411 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03411
Description  50kg Hanging Scale
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03411 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03411 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/10/20
50kg Hanging Scale
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Backlit, LCD display
•  kg, lb, jin, oz unit measurement
•  Tare, counting and zero functions
•  Auto shutdown
•  Supplied with 2x AAA batteries
Specification
Balance / Scale Type 
: Hanging Scale
Load Weight Max 
: 50kg
Resolution (g) 
: 10g
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Hanging Scale, 50kg
D03411


Similar Part No. - D03411

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03410 DURATOOL-D03410 Datasheet
150Kb / 1P
Digital Weighing Scales
03/04/23 V1.1
D03412 DURATOOL-D03412 Datasheet
208Kb / 1P
Digital Kitchen Weighing Scales
08/10/20 V1.0
D03413 DURATOOL-D03413 Datasheet
208Kb / 1P
Digital Kitchen Weighing Scales
08/10/20 V1.0
D03414 DURATOOL-D03414 Datasheet
208Kb / 1P
Digital Kitchen Weighing Scales
08/10/20 V1.0
D03419 DURATOOL-D03419 Datasheet
210Kb / 1P
Flexible Helping Hands
15/01/21 V1.0
More results

Similar Description - D03411

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6023EBT MAXIM-MAX6023EBT Datasheet
95Kb / 8P
CHIP SCALE DEVICES
Rev. A July 17, 2003
logo
MolexKits
76650-0061 MOLEXKITS-76650-0061 Datasheet
38Kb / 2P
Free Hanging Plug and Receptacle, 1 Circuit
76650-0160 MOLEXKITS-76650-0160 Datasheet
39Kb / 3P
Free Hanging Plug and Receptacle
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_12 Datasheet
543Kb / 8P
200W CHIP SCALE
logo
Tyco Electronics
292156-6 MACOM-292156-6 Datasheet
56Kb / 1P
FREE HANGING TYPE RELAY POST HEADER ASSY
logo
Extech Instruments Corp...
SC50 EXTECH-SC50 Datasheet
246Kb / 1P
Electronic Digital Scale
logo
TE Connectivity Ltd
C-2106136 TEC-C-2106136 Datasheet
352Kb / 1P
ASSEMBLY, RECEPTACLE, FREE HANGING, SLIMSEAL SSL CONNECTOR
logo
Banner Engineering Corp...
WLB92 BANNER-WLB92 Datasheet
354Kb / 3P
Hanging Bracket Kit
logo
Carlo Gavazzi Holding A...
VH3 CARLOGAVAZZI-VH3 Datasheet
409Kb / 2P
Conductive Sensors Level Hanging Probes Types VH3, VH4
logo
SparkFun Electronics
SEN-3331 SPARKFUN-SEN-3331 Datasheet
95Kb / 2P
Load Cell - 50kg, Disc (TAS606)
9??8??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com