Electronic Components Datasheet Search
  English  ▼

X  

D03412 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03412
Description  Digital Kitchen Weighing Scales
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03412 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03412 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/10/20
Digital Kitchen Weighing Scales
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Backlit, LCD display
•  g, oz, ml unit measurement
•  Tare function
•  150mm × 210mm Stainless steel pan
•  Auto shut down and low battery indication
•  Supplied with 2x AAA batteries
Features
•  Backlit, LCD display
•  g, lb, oz, ml unit measurement
•  Tare and counting functions
•  140x180mm Stainless steel pan
•  Auto shut down and low battery indication
•  Supplied with 2x AAA batteries
Specification
Balance / Scale Type 
: Kitchen
Resolution (g) 
: 0.1g
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Digital Kitchen Weighing Scale, 3kg
D03412
Digital Kitchen Weighing Scale, 10kg 
D03413
Digital Kitchen Weighing Scale, 5kg 
D03414
D03414
D03412 / D03413


Similar Part No. - D03412

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03410 DURATOOL-D03410 Datasheet
150Kb / 1P
Digital Weighing Scales
03/04/23 V1.1
D03411 DURATOOL-D03411 Datasheet
154Kb / 1P
50kg Hanging Scale
08/10/20 V1.0
D03419 DURATOOL-D03419 Datasheet
210Kb / 1P
Flexible Helping Hands
15/01/21 V1.0
More results

Similar Description - D03412

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16641 NEC-UPD16641 Datasheet
151Kb / 20P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
Sample Program: Musical Scales
logo
List of Unclassifed Man...
CBC4 ETC2-CBC4 Datasheet
206Kb / 2P
CBC Bench Counting Scales
logo
Renesas Technology Corp
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
logo
IK Semicon Co., Ltd
KL7107 IKSEMICON-KL7107 Datasheet
415Kb / 11P
Guaranteed Zero Reading for 0V Input on All Scales
logo
Avia Semiconductor Co.,...
HX711 AVIA-HX711 Datasheet
268Kb / 9P
24-Bit Analog-to-Digital Converter (ADC) for Weigh Scales
logo
Core Technology (Shenzh...
CS1270 CHIPSEA-CS1270 Datasheet
719Kb / 23P
WeIghIng Special Chip Users Manual
logo
Schneider Electric
PMESWT0100 SCHNEIDER-PMESWT0100 Datasheet
164Kb / 4P
Partner Module Ethernet System Weighing Transmitter - 1 channel
Apr 20, 2022
logo
Sciosense B.V.
PS09 SCIOSENSE-PS09 Datasheet
384Kb / 3P
PS09 – Soc for Weighing and Force Measurement
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com