Electronic Components Datasheet Search
  English  ▼

X  

D03420 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03420
Description  PCB Holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03420 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03420 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
15/01/21
PCB Holder
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Adjustable thumb screw stop and spring hold the board firmly in place
•  Suitable for use with mobile phone PCBs for repair work
•  Dimensions (WxHxD): 120x80x22mm
•   Compact and sturdy circuit board holder with stainless steel clamp frame, heavy base, rubber feet and fixing holes.
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
PCB Holder, 120x80x22mm (WxHxD)
D03420


Similar Part No. - D03420

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03422 DURATOOL-D03422 Datasheet
172Kb / 1P
Automatic Wire Stripper
05/01/21 V1.0
D03423 DURATOOL-D03423 Datasheet
165Kb / 1P
Wire Stripper
15/01/21 V1.0
D03424 DURATOOL-D03424 Datasheet
166Kb / 1P
Cable Cutter Stripper
15/01/21 V1.0
D03425 DURATOOL-D03425 Datasheet
255Kb / 1P
Automatic Wire Stripper & Crimp Set
05/01/21 V1.0
D03426 DURATOOL-D03426 Datasheet
190Kb / 1P
Wire Stripping, Cutting & Crimping Set
15/01/21 V1.0
More results

Similar Description - D03420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH311P-R-GR ETC2-12BH311P-R-GR Datasheet
72Kb / 1P
1 AA Battery Holder with PCB Pins and Ribbon
12BH321P-GR ETC2-12BH321P-GR Datasheet
84Kb / 2P
2 AA Battery Holder with PCB Pins and Ribbon
12BH331P-GR ETC2-12BH331P-GR Datasheet
161Kb / 1P
3 AA Battery Holder with PCB Pins
12BH412-GR ETC2-12BH412-GR Datasheet
84Kb / 1P
1 AAA Battery Holder with PCB Pins
12BH511P-GR ETC2-12BH511P-GR Datasheet
88Kb / 1P
1 N Battery Holder with PCB Pins
logo
Adam Technologies, Inc.
BH-02-1 ADAM-TECH-BH-02-1 Datasheet
79Kb / 1P
BATTERY HOLDER, PCB TERMINALS FOR TWO AA CELLS
logo
Littelfuse
01000057Z LITTELFUSE-01000057Z Datasheet
241Kb / 1P
PCB Fuse Holder for ATO짰 Style Blade Fuse
Revised: 05/07/20
L60030M3PCB LITTELFUSE-L60030M3PCB Datasheet
323Kb / 1P
L600 PCB Series Midget (10x38 mm) Fuse Holder
Rev:4-B-080113
logo
Adam Technologies, Inc.
BH-32C-1 ADAM-TECH-BH-32C-1 Datasheet
90Kb / 1P
COIN CELL BATTER HOLDER, CR 2477, PCB MOUNT
Rev. A
BH-78B-5 ADAM-TECH-BH-78B-5 Datasheet
160Kb / 1P
COIN CELL HOLDER, CR 2450, PCB MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com