Electronic Components Datasheet Search
  English  ▼

X  

D03423 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03423
Description  Wire Stripper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03423 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03423 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
15/01/21
Wire Stripper
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Cut and strip 10-20 AWG solid and stranded wire
•  Comfortable soft grip handle
•  Spring loaded action
•  Holes in the side of the jaws for lopping solid wire
•  Use pliers nose to tighten or loosen small nuts
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Wire Stripper, 6” (150mm), 0.8mm to 2.6mm
D03423
Specifications
Stripping Capacity AWG 
: 20AWG to 10AWG  
Stripping Capacity Metric 
: 0.8mm to 2.6mm  
For Use With 
: Solid and Stranded Wires


Similar Part No. - D03423

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03420 DURATOOL-D03420 Datasheet
170Kb / 1P
PCB Holder
15/01/21 V1.0
D03422 DURATOOL-D03422 Datasheet
172Kb / 1P
Automatic Wire Stripper
05/01/21 V1.0
D03424 DURATOOL-D03424 Datasheet
166Kb / 1P
Cable Cutter Stripper
15/01/21 V1.0
D03425 DURATOOL-D03425 Datasheet
255Kb / 1P
Automatic Wire Stripper & Crimp Set
05/01/21 V1.0
D03426 DURATOOL-D03426 Datasheet
190Kb / 1P
Wire Stripping, Cutting & Crimping Set
15/01/21 V1.0
More results

Similar Description - D03423

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
Manual Wire Stripper
logo
List of Unclassifed Man...
L-4421 ETC2-L-4421 Datasheet
1Mb / 2P
Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
logo
Molex Electronics Ltd.
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
63817-1300 MOLEX-63817-1300 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
63817-1100 MOLEX-63817-1100 Datasheet
985Kb / 4P
Manual Wire Stripper Tool
05-18-17
ATS-638170000 MOLEX-ATS-638170000 Datasheet
383Kb / 3P
Manual Wire Stripper Tool
10-29-10
ATS-638170800 MOLEX-ATS-638170800 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-638171400 MOLEX-ATS-638171400 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-640160040 MOLEX-ATS-640160040 Datasheet
108Kb / 2P
Manual Wire Stripper Tool
07-09-12
63817-1200 MOLEX-63817-1200 Datasheet
452Kb / 3P
Manual Wire Stripper Tool
03-06-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com