Electronic Components Datasheet Search
  English  ▼

X  

D03444 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03444
Description  Tamperproof Hex Screwdriver Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03444 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03444 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
05/01/21
Tamperproof Hex Screwdriver Set
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Two colour handle with high torque and an ergonomic comfortable grip
•  High impact and oil resistant plastic handle
•  S2 Steel blades can handle increased torque
Specification
Kit Contents :  6 Pcs of TP10 × 100mm, TP15 × 100mm, TP20 × 100mm, TP25 × 100mm, TP30 × 100mm, TP40 × 100mm 
Torx Screwdrivers
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Tamperproof Hex Screwdriver Set, 6 Piece
D03444


Similar Part No. - D03444

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03440 DURATOOL-D03440 Datasheet
253Kb / 1P
Screwdriver Sets
08/01/21 V1.0
D03442 DURATOOL-D03442 Datasheet
150Kb / 1P
Long Screwdriver Set
05/01/21 V1.0
D03443 DURATOOL-D03443 Datasheet
196Kb / 1P
Tamperproof Torx Screwdriver Set
05/01/21 V1.0
D03445 DURATOOL-D03445 Datasheet
222Kb / 1P
Nut Driver Set
05/01/21 V1.0
D03446 DURATOOL-D03446 Datasheet
271Kb / 1P
Precision Screwdriver Sets
15/01/21 V1.0
More results

Similar Description - D03444

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
1212645 PHOENIX-1212645 Datasheet
47Kb / 2P
Screwdriver - SF-BIT-HEX 2-50
1212646 PHOENIX-1212646 Datasheet
44Kb / 2P
Screwdriver - SF-BIT-HEX 2,5-50
1212647 PHOENIX-1212647 Datasheet
44Kb / 2P
Screwdriver - SF-BIT-HEX 3-50
1212651 PHOENIX-1212651 Datasheet
49Kb / 2P
Screwdriver - SF-BIT-HEX 8-50
logo
List of Unclassifed Man...
32510 ETC-32510 Datasheet
149Kb / 1P
Magnetic Screwdriver with 32 Tamperproof Bits
logo
SparkFun Electronics
TOL-14190 SPARKFUN-TOL-14190 Datasheet
88Kb / 1P
Chapman Pocket Screwdriver Set
6??3??7
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com