Electronic Components Datasheet Search
  English  ▼

X  

AF-11264C Datasheet(PDF) 7 Page - EPCOS

Part # AF-11264C
Description  SPECIFICATIONS FOR LCD MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AF-11264C Datasheet(HTML) 7 Page - EPCOS

Back Button AF-11264C Datasheet HTML 3Page - EPCOS AF-11264C Datasheet HTML 4Page - EPCOS AF-11264C Datasheet HTML 5Page - EPCOS AF-11264C Datasheet HTML 6Page - EPCOS AF-11264C Datasheet HTML 7Page - EPCOS AF-11264C Datasheet HTML 8Page - EPCOS AF-11264C Datasheet HTML 9Page - EPCOS AF-11264C Datasheet HTML 10Page - EPCOS AF-11264C Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Date: 2006/7/26
AMPIRE CO., LTD.
7
6
PIN CONNECTIONS
No.
Symbol
Function
1
LCD_CS
Chip select input
2
LCD_RESET
Hardware reset input
3
A0
Select address register/data register
4
WRITE
Write control signal input
5
READ
Read control signal input
6
DO
Data bus
7
D1
Data bus
8
D2
Data bus
9
D3
Data bus
10
D4
Data bus
11
D5
Data bus
12
D6
Data bus
13
D7
Data bus
14
VSS
Power Supply Ground (0V)
15
VDD
Power Supply (3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com