Electronic Components Datasheet Search
  English  ▼

X  

MSO71254DX Datasheet(PDF) 4 Page - TEKTRONIX, INC

Part # MSO71254DX
Description  Mixed Signal and Digital Phosphor Oscilloscopes
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

MSO71254DX Datasheet(HTML) 4 Page - TEKTRONIX, INC

  MSO71254DX Datasheet HTML 1Page - TEKTRONIX, INC MSO71254DX Datasheet HTML 2Page - TEKTRONIX, INC MSO71254DX Datasheet HTML 3Page - TEKTRONIX, INC MSO71254DX Datasheet HTML 4Page - TEKTRONIX, INC MSO71254DX Datasheet HTML 5Page - TEKTRONIX, INC MSO71254DX Datasheet HTML 6Page - TEKTRONIX, INC MSO71254DX Datasheet HTML 7Page - TEKTRONIX, INC MSO71254DX Datasheet HTML 8Page - TEKTRONIX, INC MSO71254DX Datasheet HTML 9Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
iCapture™ – One connection for analog and
digital (MSO70000DX Series)
The number of signals that must be verified can often make the
checkout of a design long and involved. By using the iCapture
digital-to-analog multiplexer feature, you can easily verify the
analog characteristics of any of the 16 signals connected to the
MSO70000DX Series digital channels without changing probes or
connections. Using iCapture, you can quickly view the analog
characteristics of any input channel. If the signal is working as
expected, relegate it to a digital-only view and continue testing
other lines.
Bus decoding and triggering
Verifying your system operation often requires the ability to see
specific system states on a key bus such as the DDR SDRAM
interface. The MSO/DPO70000DX Series includes parallel and
serial bus decoding that provides deeper insight into the system's
behavior. Using the bus triggering capability of the MSO/
DPO70000DX Series to isolate the exact state needed or find
invalid bus sequences is as easy as defining the bus and choosing
the bit pattern or symbolic word that describes the desired state. In
addition, serial bus decoding for 8b/10b encoded data, I2C, SPI,
RS-232/422/485/UART, USB, and MIPI DSI and CSI2 buses
enables you to identify where control and data packets begin and
end as well as identify subpacket components such as address,
data, CRC, etc.
Symbolic bus formats simplify identifying system states and
setting up bus triggers
Deep record length available on all
channels
Longer duration events such as power supply sequencing and
system status words can be analyzed without sacrificing timing
resolution using the long memory depths available on all four
analog channels in the DPO70000DX Series as well as the 16
logic channels of the MSO70000DX Series. Optional memory
depths up to 500 MS (4 channels)/1 GS (2 channels) with option
50XL are available.
10 ms duration capture of synchronous high-speed and low-
speed signals at 25 GS/s.
Power supplies can be a critical failure point in any system.
Careful testing of the power delivery system's power on sequence
can be time consuming. The MSO70000DX Series provides
independent logic thresholds for each logic channel enabling
multiple logic voltages to be set up and observed simultaneously
for quick verification of the system's power rails.
Protocol and serial pattern triggering
To verify serial architectures, the serial pattern triggering for NRZ
serial data streams with built-in clock recovery in the MSO/
DPO70000DX Series allows correlating events across physical
and link layers. The instruments can recover the clock signal,
identify transitions, and allow you to set the desired encoded
words for the serial pattern trigger to capture. This feature is
available on the MSO/DPO70000DX Series as Option ST6G. For
higher bit rate standards like USB 3.0, the 8b/10b serial pattern
trigger and decode covers data rates up to 6.25 Gb/s.
Pattern lock triggering adds an extra dimension to NRZ serial
pattern triggering by enabling the oscilloscope to take
synchronized acquisitions of a long serial test pattern with
outstanding time base accuracy. Pattern lock triggering can be
used to remove random jitter from long serial data patterns.
Effects of specific bit transitions can be investigated, and
averaging can be used with mask testing. Pattern lock triggering
supports up to 6.25 Gb/s NRZ serial data streams and is included
as part of Option ST6G on the MSO/DPO70000DX Series.
Visual Trigger – Find the signal of interest quickly
Finding the right cycle of a complex bus can require hours of
collecting and sorting through thousands of acquisitions for an
event of interest. Defining a trigger that isolates the desired event
speeds up debug and analysis efforts.
WWW.TEK.COM | 4
Mixed Signal and Digital Phosphor Oscilloscopes MSO/DPO70000DX Series Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com