Electronic Components Datasheet Search
  English  ▼

X  

SC2008 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2008
Description  ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2008 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2008 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
BNC DUST CAP
SPECIFICATIONS
MECHANICAL:
MATERIAL BODY: BRASS
-20°C TO +80°C
ROHS COMPLIANT
3FKR5
.571"
.587"
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
BNC DUST CAP
--


Similar Part No. - SC2008

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2 MSYSTEM-SC200-11-M2 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/3 MSYSTEM-SC200-11-M2/3 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/300 MSYSTEM-SC200-11-M2/300 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/4 MSYSTEM-SC200-11-M2/4 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results

Similar Description - SC2008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX-1033S ETC1-TX-1033S Datasheet
28Kb / 1P
TX-1033S
logo
fujitsu semiconductor
FAR-F6KA-1G8800-L4AF FUJITSU-FAR-F6KA-1G8800-L4AF Datasheet
174Kb / 5P
PCS-Tx
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615 SW Allen Blvd 103 Beaverton OR 97005
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615SW Allen Blvd
logo
PHOENIX CONTACT
2702259 PHOENIX-2702259 Datasheet
69Kb / 7P
Router - FL MGUARD RS4000 TX/TX-P
2700968 PHOENIX-2700968 Datasheet
61Kb / 3P
Router - FL MGUARD DELTA TX/TX VPN
2700634 PHOENIX-2700634 Datasheet
96Kb / 10P
Router - FL MGUARD RS4000 TX/TX
09/12/2020
2700642 PHOENIX-2700642 Datasheet
105Kb / 11P
Router - FL MGUARD RS2000 TX/TX VPN
09/12/2020
2700967 PHOENIX-2700967 Datasheet
65Kb / 6P
Router - FL MGUARD DELTA TX/TX
13.02.2013
1221706 PHOENIX-1221706 Datasheet
1Mb / 12P
Router - CLOUD CLIENT 1101T-TX/TX
Dec 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com