Electronic Components Datasheet Search
  English  ▼

X  

SC2009 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2009
Description  BNC Male Open Circuit Connector Cap With 2.76 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2009 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2009 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2009 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2009 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2016
RF connector dust cap SC2009 from Fairview Microwave is constructed with a BNC
connection and has a male gender. This BNC male dust cap is designed as non-
shorting and the body is nickel plated to ensure its durability. The non-shorting
BNC connector cap from Fairview Microwave is designed with a 2.76 inch chain
and is in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
BNC Male Non-shorting
Chain Option
2.76 in Chain
.
.
Description
Material
Plating
Body
Brass
Nickel
100µ” min.
Gasket
Rubber
Chain
Brass
Nickel
Rivet
Brass
Nickel
Size
Length
0.59 in [14.99 mm]
Width
0.57 in [14.48 mm]
.
Weight
0.023 lbs [10.43 g]
Environmental Specifications
Temperature
Operating Range
-20 to +80 deg C
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
SC2009
DATA SHEET
BNC Male Open Circuit Connector Cap With 2.76 Inch
Chain
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Nickel Plated Body
• Chain Included
Applications:
• General Purpose Laboratory Use
• Test and Measurement


Similar Part No. - SC2009

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2 MSYSTEM-SC200-11-M2 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/3 MSYSTEM-SC200-11-M2/3 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/300 MSYSTEM-SC200-11-M2/300 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/4 MSYSTEM-SC200-11-M2/4 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results

Similar Description - SC2009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6127 PASTERNACK-PE6127 Datasheet
235Kb / 2P
Shorting BNC Male With 4 Inch Chain Dust Cap
PE6134 PASTERNACK-PE6134 Datasheet
459Kb / 2P
Shorting TNC Male With 4 Inch Chain Dust Cap
PE6013 PASTERNACK-PE6013 Datasheet
240Kb / 2P
Non-Shorting Dust Cap for BNC Male With 2.8 Inch Chain
PE6128 PASTERNACK-PE6128 Datasheet
210Kb / 2P
Shorting Dust Cap for BNC Female With 4 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
PE6129 PASTERNACK-PE6129_16 Datasheet
417Kb / 3P
N Male Shorting Dust Cap With 4 Inch Chain
PE6131 PASTERNACK-PE6131_16 Datasheet
417Kb / 3P
SMA Male Shorting Dust Cap With 2.5 Inch Chain
PE6134 PASTERNACK-PE6134_16 Datasheet
417Kb / 3P
TNC Male Shorting Dust Cap With 4 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com