Electronic Components Datasheet Search
  English  ▼

X  

TCP303 Datasheet(PDF) 1 Page - TEKTRONIX, INC

Part # TCP303
Description  AC/DC Current Measurement Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

TCP303 Datasheet(HTML) 1 Page - TEKTRONIX, INC

  TCP303 Datasheet HTML 1Page - TEKTRONIX, INC TCP303 Datasheet HTML 2Page - TEKTRONIX, INC TCP303 Datasheet HTML 3Page - TEKTRONIX, INC TCP303 Datasheet HTML 4Page - TEKTRONIX, INC TCP303 Datasheet HTML 5Page - TEKTRONIX, INC TCP303 Datasheet HTML 6Page - TEKTRONIX, INC TCP303 Datasheet HTML 7Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The TCP300 and TCP400 Series AC/DC current measurement family
is a highly advanced current measurement system for today's current
measurement needs. When connected to Tektronix oscilloscopes with
TEKPROBE Level II, TekConnect (w/ TCA-BNC), or TekVPI (w/ TPA-
BNC) interfaces, current measurements and calculations are simple
and easy.
Key performance specifications
AC/DC measurement capabilities
• DC - 100 MHz, Current Probe Amplifier (TCPA300) uses:
• DC - 100 MHz, 30 A DC (TCP312A)
• DC - 50 MHz, 50 A DC (TCP305A)
• DC - 15 MHz, 150 A DC (TCP303)
• DC - 50 MHz, Current Probe Amplifier (TCPA400) Uses:
• DC - 2 MHz, 750 A DC 1 (TCP404XL) (500 A DC Continuous)
Key features
• Automatic scaling and units 2 - Oscilloscope on-screen readout of
magnitude and amps reduces measurement errors with no more
hand calculations
• AC/DC input coupling
• Low insertion impedance reduces device under test loading
• Split-core construction allows easy circuit connection
• Status indicators provide visual operating status and notification
of potential error conditions - degauss, probe open, overload, not
terminated into 50 Ω, noncompatible probe type
• Low DC drift and noise allows improved low-level current
measurements
• 3rd party safety certification
Applications
•
Development and analysis solutions for designers, installers,
and service personnel in telecom, data comm, computer, and
semiconductor power electronics environments for:
• Power supplies (switching and linear)
• Semiconductor devices (SCRs, IGBTs, MOSFETs, CMOS,
BJTs)
• Power inverters/converters
• Electronic ballasts
• Industrial/consumer electronics
• Mobile communications (phone, satellite, relay stations)
• Motor drives
• Transportation systems (electronic vehicles, electric trains,
locomotives, avionics)
Meets today's AC/DC current measurement
applications
The TCPA300 amplifier, when used with TCP312A, TCP305A, or
TCP303 probes, provides a wide range of current measurement
capability and spans the gap between low-level milliamp measurements
to very high current levels. These three probes provide current
measurement capabilities of 30 A, 50 A, and 150 A DC continuous.
For even higher current levels, the TCPA400 amplifier with the
TCP404XL current probe measures 500 A DC continuous and 750
A DC continuous, derated with duty cycle.
Higher-frequency performance is available with the TCP312A w/
TCPA300 providing ≥100 MHz bandwidth and a maximum current of
30 A DC.
Measurement errors and manual calculations are now a
thing of the past
With this new series of current measurement tools, automatic control
and on-screen scaling and units is provided for users of Tektronix
TDS3000, TDS500, TDS600, TDS700, TDS5000, TDS6000, and
TDS7000B series oscilloscope systems (the DPO3000, MDO/MSO/
1 Derated with duty cycle
2 Requires a TDS TEKSCOPE oscilloscope or a TekConnect oscilloscope with TCA-BNC adapter
AC/DC Current Measurement Systems
TCPA300, TCP312A, TCP305A, TCP303, TCPA400, TCP404XL Datasheet
www.tek.com 1


Similar Part No. - TCP303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCP303 ETC2-TCP303 Datasheet
257Kb / 6P
AC/DC Current Measurement Systems
TCP303 ETC2-TCP303 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TCP303 TEKTRONIX-TCP303 Datasheet
2Mb / 36P
Mixed Domain Oscilloscopes
TCP303 TEKTRONIX-TCP303 Datasheet
711Kb / 12P
Digital Phosphor Oscilloscopes
TCP303 TEKTRONIX-TCP303 Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
More results

Similar Description - TCP303

ManufacturerPart #DatasheetDescription
logo
LEM
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
AC/DC Current transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
AC/DC Current transducer
logo
Agilent(Hewlett-Packard...
N2780A HP-N2780A Datasheet
343Kb / 4P
AC/DC Current Probes
logo
List of Unclassifed Man...
TCP0020 ETC2-TCP0020 Datasheet
336Kb / 4P
AC/DC Current Probes
TCP305 ETC2-TCP305 Datasheet
257Kb / 6P
AC/DC Current Measurement Systems
logo
LEM
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
AC/DC Current Transducer
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
AC/DC Current Transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
AC/DC Current Transducer
logo
WAGO Kontakttechnik Gmb...
750-494-000-005 WAGO-750-494-000-005 Datasheet
471Kb / 11P
Power measurement; AC/DC 277V; external shunts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com