Electronic Components Datasheet Search
  English  ▼

X  

SC2015 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2015
Description  SC2015 DATA SHEET N Male Open Circuit Connector Cap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2015 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2015 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2015 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2015 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
RF connector dust cap SC2015 from Fairview Microwave is constructed with an
N connection and has a male gender. This N male dust cap is designed as non-
shorting and the body is nickel plated to ensure its durability. The non-shorting N
connector cap from Fairview Microwave is in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
N Male Non-shorting
.
.
Description
Material
Plating
Body
Brass
Nickel
Gasket
Silicone
Size
Length
0.44 in [11.18 mm]
Width
0.75 in [19.05 mm]
.
Weight
0.019 lbs [8.62 g]
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
SC2015
DATA SHEET
N Male Open Circuit Connector Cap
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Nickel Plated Body
Applications:
• General Purpose Laboratory Use
• Test and Measurement


Similar Part No. - SC2015

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SC201 FUJI-SC201 Datasheet
70Kb / 3P
FAST RECOVERY DIODE
logo
Polyfet RF Devices
SC201 POLYFET-SC201 Datasheet
62Kb / 2P
SILICON GATE ENHANCEMENT MODE
logo
Infinite Electronics In...
SC2010C FAIRVIEW-SC2010C Datasheet
464Kb / 3P
N Male Open Circuit Connector Cap With 2.5 Inch Chain
REV 2.1
SC2011C FAIRVIEW-SC2011C Datasheet
452Kb / 3P
N Male Open Circuit Connector Cap With 2.76 Inch Chain
REV 1.1
logo
Jinan Jing Heng Electro...
SC20120PT JINGHENG-SC20120PT Datasheet
760Kb / 5P
Silicon Carbide Schottky Diode
More results

Similar Description - SC2015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5500-1 PASTERNACK-PE5500-1 Datasheet
81Kb / 1P
3.5mm MALE, OPEN CIRCUIT
PE6015 PASTERNACK-PE6015 Datasheet
77Kb / 1P
Shorting N Male Dust Cap
PE6022 PASTERNACK-PE6022 Datasheet
234Kb / 2P
Shorting N Male Dust Cap
PE6017 PASTERNACK-PE6017 Datasheet
230Kb / 2P
Non-Shorting Dust Cap for N Male
logo
Tyco Electronics
350780-1 MACOM-350780-1 Datasheet
106Kb / 1P
CAP,4 CIRCUIT, UNIVERSAL MATE-N-LOK
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
TE Connectivity Ltd
C-480305 TEC-C-480305 Datasheet
127Kb / 1P
CAP, COMMERCIAL MATE-N-LOK, 3 CIRCUIT
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
logo
ebm-papst
4600N-466 EBMPAPST-4600N-466 Datasheet
450Kb / 9P
Product Data Sheet 4600 N-466
06/30/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com