Electronic Components Datasheet Search
  English  ▼

X  

SC2019C Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2019C
Description  N Female Open Circuit Connector Cap With 2.75 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2019C Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2019C Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2019C Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2019C Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
RF connector dust cap SC2019C from Fairview Microwave is constructed with an N
connection and has a female gender. This N female dust cap is designed as non-
shorting and the body is nickel plated to ensure its durability. The non-shorting N
connector cap from Fairview Microwave is designed with a 2.75 inch chain and is
in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
N Female Non-shorting
Chain Option
2.75 in Chain
.
.
Description
Material
Plating
Body
Brass
Nickel
100µ” min.
Chain
Brass
Nickel
Rivet
Brass
Nickel
Size
Length
0.57 in [14.48 mm]
Width
0.71 in [18.03 mm]
.
Weight
0.038 lbs [17.24 g]
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
SC2019C
DATA SHEET
N Female Open Circuit Connector Cap With 2.75 Inch
Chain
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Nickel Plated Body
• Chain Included
Applications:
• General Purpose Laboratory Use
• Test and Measurement


Similar Part No. - SC2019C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SC201 FUJI-SC201 Datasheet
70Kb / 3P
FAST RECOVERY DIODE
logo
Polyfet RF Devices
SC201 POLYFET-SC201 Datasheet
62Kb / 2P
SILICON GATE ENHANCEMENT MODE
logo
Infinite Electronics In...
SC2010C FAIRVIEW-SC2010C Datasheet
464Kb / 3P
N Male Open Circuit Connector Cap With 2.5 Inch Chain
REV 2.1
SC2011C FAIRVIEW-SC2011C Datasheet
452Kb / 3P
N Male Open Circuit Connector Cap With 2.76 Inch Chain
REV 1.1
logo
Jinan Jing Heng Electro...
SC20120PT JINGHENG-SC20120PT Datasheet
760Kb / 5P
Silicon Carbide Schottky Diode
More results

Similar Description - SC2019C

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
Shorting N Female With 4 Inch Chain Dust Cap
PE6018 PASTERNACK-PE6018 Datasheet
236Kb / 2P
Non-Shorting Dust Cap for N Female With 2.6 Inch Chain
PE6132 PASTERNACK-PE6132 Datasheet
204Kb / 2P
Shorting Dust Cap for SMA Female With 2.5 Inch Chain
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6114 PASTERNACK-PE6114_16 Datasheet
419Kb / 3P
HN Female Non-Shorting Dust Cap With 4 Inch Chain
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
PE6130 PASTERNACK-PE6130_16 Datasheet
418Kb / 3P
N Female Shorting Dust Cap IP60 Rated With 4 Inch Chain
PE6132 PASTERNACK-PE6132_17 Datasheet
346Kb / 3P
SMA Female Shorting Dust Cap With 2.5 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com