Electronic Components Datasheet Search
  English  ▼

X  

LMC66 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC66
Description  CMOS Quad Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC66 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC66 Datasheet HTML 1Page - National Semiconductor (TI) LMC66 Datasheet HTML 2Page - National Semiconductor (TI) LMC66 Datasheet HTML 3Page - National Semiconductor (TI) LMC66 Datasheet HTML 4Page - National Semiconductor (TI) LMC66 Datasheet HTML 5Page - National Semiconductor (TI) LMC66 Datasheet HTML 6Page - National Semiconductor (TI) LMC66 Datasheet HTML 7Page - National Semiconductor (TI) LMC66 Datasheet HTML 8Page - National Semiconductor (TI) LMC66 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 6)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Differential Input Voltage
±Supply Voltage
Supply Voltage
16V
Output Short Circuit to V
+
(Note 14)
Output Short Circuit to V
−
(Note 4)
Lead Temperature
(Soldering, 10 sec.)
260˚C
Storage Temp. Range
−65˚C to +150˚C
Voltage at Input/Output Pins
(V
+) + 0.3V, (V−) − 0.3V
Current at Output Pin
±18 mA
Current at Input Pin
±5mA
Current at Power Supply Pin
35 mA
Power Dissipation
(Note 5)
Junction Temperature
150˚C
ESD tolerance (Note 11)
1000V
Operating Ratings
Temperature Range
LMC660EP
−40˚C
≤ T
J
≤ +85˚C
Supply Voltage Range
4.75V to 15.5V
Power Dissipation
(Note 12)
Thermal Resistance (
θ
JA) (Note 13)
14-Pin Molded DIP
85˚C/W
14-Pin SO
115˚C/W
DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface
limits apply at the temperature extremes. V
+ = 5V, V− = 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
(Note 15)
Parameter
Conditions
Typ
(Note
7)
Limit
(Note 7)
Units
Input Offset
Voltage
13
mV
3.3
max
Input Offset
Voltage
1.3
µV/˚C
Average Drift
Input Bias Current
0.002
pA
4
max
Input Offset Current
0.001
pA
2
max
Input Resistance
>1
Tera
Ω
Common Mode
0V
≤ V
CM
≤
12.0V
83
70
dB
Rejection Ratio
V
+ = 15V
68
min
Positive Power
Supply
5V
≤ V+ ≤ 15V
83
70
dB
Rejection Ratio
V
O = 2.5V
68
min
Negative Power
Supply
0V
≤ V− ≤ −10V
94
84
dB
Rejection Ratio
83
min
Input
Common-Mode
V
+ =5V&15V
−0.4
−0.1
V
Voltage Range
For CMRR
≥ 50
dB
0
max
V
+ −
1.9
V
+ − 2.3
V
V
+ − 2.5
min
Large Signal
R
L =2k
Ω (Note
8)
2000
440
V/mV
Voltage Gain
Sourcing
400
min
Sinking
500
180
V/mV
120
min
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com