Electronic Components Datasheet Search
  English  ▼

X  

SC2034 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2034
Description  SC2034 DATA SHEET SMA Male Open Circuit Connector Cap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2034 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2034 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2034 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2034 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2016
RF connector dust cap SC2034 from Fairview Microwave is constructed with an
SMA connection and has a male gender. This SMA male dust cap is designed as
non-shorting and the body is gold plated to ensure its durability. The non-shorting
SMA connector cap from Fairview Microwave is in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
SMA Male Non-shorting
.
Hex Size
5/16 inch
Torque
5 in-lbs [0.57 Nm]
.
Description
Material
Plating
Body
Stainless Steel
Gold
3µ” min.
Gasket
Silicone
Size
Length
0.33 in [8.38 mm]
Width
0.315 in [8.00 mm]
.
Weight
0.005 lbs [2.27 g]
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
SC2034
DATA SHEET
SMA Male Open Circuit Connector Cap
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Gold Plated Body
Applications:
• General Purpose Laboratory Use
• Test and Measurement


Similar Part No. - SC2034

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2030 FAIRVIEW-SC2030 Datasheet
190Kb / 1P
SC2030
SC2031 FAIRVIEW-SC2031 Datasheet
450Kb / 3P
SMA Male Open Circuit Connector Cap With 2.76 Inch Chain
REV 2.0
SC2032 FAIRVIEW-SC2032 Datasheet
26Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC2036 FAIRVIEW-SC2036 Datasheet
36Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
logo
Mallory Sonalert Produc...
SC2036CPR MSPI-SC2036CPR Datasheet
48Kb / 1P
Voltage Rating 20 to 36 VDC
More results

Similar Description - SC2034

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD878-2-3 WINCHESTER-SD878-2-3 Datasheet
45Kb / 1P
CAP & CHAN, SMA
logo
Pasternack Enterprises,...
PE5500-1 PASTERNACK-PE5500-1 Datasheet
81Kb / 1P
3.5mm MALE, OPEN CIRCUIT
PE6006 PASTERNACK-PE6006 Datasheet
237Kb / 2P
Shorting SMA Male Dust Cap
PE6024 PASTERNACK-PE6024 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMA Male
logo
Winchester Electronics ...
8784 WINCHESTER-8784 Datasheet
311Kb / 1P
Sma Dust Cap
878-4 WINCHESTER-878-4 Datasheet
311Kb / 1P
SMA DUST CAP
logo
List of Unclassifed Man...
DELTA-1C ETC2-DELTA-1C Datasheet
238Kb / 2P
SMA male connector
logo
Pasternack Enterprises,...
PE4589 PASTERNACK-PE4589_16 Datasheet
321Kb / 3P
SMA Male Connector
PE45460 PASTERNACK-PE45460 Datasheet
536Kb / 6P
SMA Male Connector
PE45461 PASTERNACK-PE45461 Datasheet
548Kb / 6P
SMA Male Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com