Electronic Components Datasheet Search
  English  ▼

X  

SC2065 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2065
Description  TNC Male Open Circuit Connector Cap With 2.5 Inch Chain
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2065 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2065 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2065 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REV 1.3 Page 1 of 2
Copyright © 2020
RF connector dust cap SC2065 from Fairview Microwave is constructed with a TNC
connection and has a male gender. This TNC male dust cap is designed as non-
shorting and the body is nickel plated to ensure its durability. The non-shorting
TNC connector cap from Fairview Microwave is designed with a 2.5 inch chain and
is in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
TNC Male Non-Shorting
Chain Option
2.5 in Chain
.
.
Description
Material
Plating
Body
Brass
Nickel
Gasket
Silicone
Size
Length
0.53 in [13.46 mm]
Width
0.56 in [14.22 mm]
.
Weight
0.0199 lbs [9.03 g]
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
TNC Male Open Circuit Connector Cap With 2.5 Inch Chain from Fairview Microwave
is in-stock and available to ship same-day. All of our RF/microwave products are
available off-the-shelf from our ISO 9001:2008 certified facilities in Lewisville,
Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: TNC
Male Open Circuit Connector Cap With 2.5 Inch Chain SC2065
URL: https://www.fairviewmicrowave.com/tnc-male-open-circuit-connector-
cap-2.5-inch-chain-sc2065-p.aspx
SC2065
DATA SHEET
TNC Male Open Circuit Connector Cap With 2.5 Inch
Chain
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Nickel Plated Body
• Chain Included
Applications:
• General Purpose Laboratory Use
• Test and Measurement


Similar Part No. - SC2065

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SC2065CT JINGHENG-SC2065CT Datasheet
733Kb / 5P
Silicon Carbide Schottky Diode
SC2065D1 JINGHENG-SC2065D1 Datasheet
733Kb / 5P
Silicon Carbide Schottky Diode
SC2065FCT JINGHENG-SC2065FCT Datasheet
733Kb / 5P
Silicon Carbide Schottky Diode
SC2065PT JINGHENG-SC2065PT Datasheet
710Kb / 5P
Silicon Carbide Schottky Diode
More results

Similar Description - SC2065

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
78750 AMPHENOL-78750 Datasheet
54Kb / 1P
TNC CAP WITH CHAIN
logo
Winchester Electronics ...
SDKA-81-05 WINCHESTER-SDKA-81-05 Datasheet
51Kb / 1P
CAP & CHAIN, TNC
logo
Pasternack Enterprises,...
PE6134 PASTERNACK-PE6134 Datasheet
459Kb / 2P
Shorting TNC Male With 4 Inch Chain Dust Cap
PE6023 PASTERNACK-PE6023 Datasheet
241Kb / 2P
Non-Shorting Dust Cap for TNC Male With 2.7 Inch Chain
PE6046 PASTERNACK-PE6046 Datasheet
231Kb / 2P
Non-Shorting Dust Cap for C Male With 2.5 Inch Chain
PE6131 PASTERNACK-PE6131 Datasheet
202Kb / 2P
Shorting Dust Cap for SMA Male With 2.5 Inch Chain
logo
Winchester Electronics ...
KA-81-07 WINCHESTER-KA-81-07 Datasheet
41Kb / 1P
CAP CHAIN TNC
logo
Pasternack Enterprises,...
PE6131 PASTERNACK-PE6131_16 Datasheet
417Kb / 3P
SMA Male Shorting Dust Cap With 2.5 Inch Chain
PE6134 PASTERNACK-PE6134_16 Datasheet
417Kb / 3P
TNC Male Shorting Dust Cap With 4 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com