Electronic Components Datasheet Search
  English  ▼

X  

SC2104 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2104
Description  SC2104 DATA SHEET SMB Jack Open Circuit Connector Cap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2104 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2104 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2104 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2104 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
RF connector dust cap SC2104 from Fairview Microwave is constructed with an
SMB connection and has a jack type. This SMB jack dust cap is designed as non-
shorting and the body is gold plated to ensure its durability. The non-shorting SMB
connector cap from Fairview Microwave is in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
SMB Jack Non-shorting
.
.
Description
Material
Plating
Body
Brass
Gold
Size
Length
0.51 in [12.95 mm]
Width
0.28 in [7.11 mm]
.
Weight
0.007 lbs [3.18 g]
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
SC2104
DATA SHEET
SMB Jack Open Circuit Connector Cap
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Gold Plated Body
Applications:
• General Purpose Laboratory Use
• Test and Measurement


Similar Part No. - SC2104

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
SC210 MSYSTEM-SC210 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210-11-M2 MSYSTEM-SC210-11-M2 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210-11-M2/1 MSYSTEM-SC210-11-M2/1 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210-11-M2/300 MSYSTEM-SC210-11-M2/300 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210-11-M2/400 MSYSTEM-SC210-11-M2/400 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results

Similar Description - SC2104

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE9120 PASTERNACK-PE9120 Datasheet
108Kb / 1P
SMB PLUG TO SMB JACK
PE9122 PASTERNACK-PE9122 Datasheet
249Kb / 2P
SMB Jack to SMB Jack Bulkhead Adapter
logo
Rosenberger Hochfrequen...
71K12L-000S3 ROSENBERGER-71K12L-000S3 Datasheet
93Kb / 3P
Open Circuit Jack
74K12L-000S3 ROSENBERGER-74K12L-000S3 Datasheet
594Kb / 3P
Open Circuit JACK
03K12L-000S3 ROSENBERGER-03K12L-000S3 Datasheet
542Kb / 3P
Open Circuit Jack
05K12L-000S3 ROSENBERGER-05K12L-000S3 Datasheet
550Kb / 3P
Open Circuit JACK
06K12L-000S3 ROSENBERGER-06K12L-000S3 Datasheet
537Kb / 3P
Open Circuit Jack
logo
Pasternack Enterprises,...
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
75 Ohm SMB Jack to SMB Jack Adapter
PE6122 PASTERNACK-PE6122_16 Datasheet
428Kb / 3P
SMB Jack Non-Shorting Dust Cap With 2.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com