Electronic Components Datasheet Search
  English  ▼

X  

SC2140 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2140
Description  SMA Female Short Circuit Connector Cap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2140 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2140 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2140 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2140 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2016
RF connector dust cap SC2140 from Fairview Microwave is constructed with an
SMA connection and has a female gender. This SMA female dust cap is designed
as shorting and the body is gold plated to ensure its durability. The shorting SMA
connector cap from Fairview Microwave is in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
SMA Female Shorting
.
Hex Size
5/16 inch
Torque
8 in-lbs [0.9 Nm]
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204
Body
Stainless Steel
Gold
MIL-G-45204
Size
Length
0.32 in [8.13 mm]
Width
0.315 in [8.00 mm]
.
Weight
0.008 lbs [3.63 g]
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
SC2140
DATA SHEET
SMA Female Short Circuit Connector Cap
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Gold Plated Body
• Internally Shorted
Applications:
• General Purpose Laboratory Use
• Test and Measurement
• ESD Protection


Similar Part No. - SC2140

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2140C FAIRVIEW-SC2140C Datasheet
36Kb / 1P
FAIRVIEW MICROWAVE INC. SHORT CIRCUIT 18GHZ SMA-FEMALE ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
More results

Similar Description - SC2140

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD878-2-3 WINCHESTER-SD878-2-3 Datasheet
45Kb / 1P
CAP & CHAN, SMA
logo
Pasternack Enterprises,...
PE6007 PASTERNACK-PE6007 Datasheet
236Kb / 2P
Shorting Dust Cap for SMA Female
PE6120 PASTERNACK-PE6120 Datasheet
228Kb / 2P
Non-Shorting Dust Cap for SMA Female
logo
Winchester Electronics ...
8784 WINCHESTER-8784 Datasheet
311Kb / 1P
Sma Dust Cap
logo
List of Unclassifed Man...
QM32100SE-S ETC2-QM32100SE-S Datasheet
338Kb / 4P
1 short antenna with SMA connector
logo
Winchester Electronics ...
878-4 WINCHESTER-878-4 Datasheet
311Kb / 1P
SMA DUST CAP
logo
Pasternack Enterprises,...
PE6120 PASTERNACK-PE6120_16 Datasheet
413Kb / 3P
SMA Female Non-Shorting Dust Cap
PE6132 PASTERNACK-PE6132_17 Datasheet
346Kb / 3P
SMA Female Shorting Dust Cap With 2.5 Inch Chain
PE45458 PASTERNACK-PE45458 Datasheet
535Kb / 6P
SMA Female Connector
PE45459 PASTERNACK-PE45459 Datasheet
549Kb / 6P
SMA Female Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com