Electronic Components Datasheet Search
  English  ▼

X  

SC2140C Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2140C
Description  FAIRVIEW MICROWAVE INC. SHORT CIRCUIT 18GHZ SMA-FEMALE ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2140C Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2140C Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHORT CIRCUIT 18GHZ SMA-FEMALE
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-18GHZ
REFLECTION: 100% NOMINAL
MECHANICAL:
MATERIAL BODY: STAINLESS STEEL
PLATING: SC2140C Au BODY & CHAIN
PLATING SC2141C PASSIVATED BODY & CHAIN
CENTER CONTACT: BeCu, Au PLATED PER MIL-G-45204
INTERFACE: MIL-STD-348A
3FKR5
SMA-F
.320
SMA-F
.320
A
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
SHORT CIRCUIT 18GHZ SMA-FEMALE


Similar Part No. - SC2140C

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2140 FAIRVIEW-SC2140 Datasheet
444Kb / 3P
SMA Female Short Circuit Connector Cap
REV 1.1
More results

Similar Description - SC2140C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0709 ETC-A0709 Datasheet
145Kb / 1P
CIRCUIT INTERRUPTION TECHNOLOGY INC
logo
Pasternack Enterprises,...
PE4189-SF PASTERNACK-PE4189-SF Datasheet
84Kb / 1P
SMA FEMALE BULKHEAD RECEPTACLE, FOR MICROWAVE INTERGRATED CIRCUIT STUB CONTACT
PE6038 PASTERNACK-PE6038 Datasheet
87Kb / 1P
SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
PE7134 PASTERNACK-PE7134 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE 1GHz to 18GHz
PE7138 PASTERNACK-PE7138 Datasheet
298Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE:12 GHz TO 18GHz
PE2207-6 PASTERNACK-PE2207-6 Datasheet
84Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUNECY RANGE: 12.4~18GHz
PE2207-10 PASTERNACK-PE2207-10 Datasheet
144Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 12.4-18GHz
logo
Spectrum Microwave, Inc...
1202-005 SPECTRUM-1202-005 Datasheet
48Kb / 1P
FAIRVIEW PENNSYLVANIA
logo
TE Connectivity Ltd
C-2016656 TEC-C-2016656 Datasheet
179Kb / 1P
RF CA, SMA M TO SMA M,18GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com