Electronic Components Datasheet Search
  English  ▼

X  

AM2611 Datasheet(PDF) 65 Page - Texas Instruments

Part # AM2611
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2611 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AM2611 Datasheet HTML 61Page - Texas Instruments AM2611 Datasheet HTML 62Page - Texas Instruments AM2611 Datasheet HTML 63Page - Texas Instruments AM2611 Datasheet HTML 64Page - Texas Instruments AM2611 Datasheet HTML 65Page - Texas Instruments AM2611 Datasheet HTML 66Page - Texas Instruments AM2611 Datasheet HTML 67Page - Texas Instruments AM2611 Datasheet HTML 68Page - Texas Instruments AM2611 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 218 page
background image
5.3.11 GPMC0
Table 5-32. GPMC0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
GPMC0_ADVn_ALE
O
GPMC Address Valid (active low) or
Address Latch Enable
A8
A10
C9
B9
GPMC0_CLK (1)
IO
GPMC Clock
L3
T3
M1
L2
GPMC0_CLKLB (2)
IO
GPMC Clock Loopback
B15
A18
B16
A17
GPMC0_DIR
O
GPMC Data Bus Signal Direction
Control
B10
D10
A9
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or
Read Enable (active low)
A10, B14, C8 A12, A16, A9 A8, B10, D13
B15
GPMC0_WEn
O
GPMC Write Enable (active low)
C14, D7
B9, D17
B14, B7
GPMC0_WPn
O
GPMC Flash Write Protect (active
low)
D9
C9
C11
GPMC0_A0
O
GPMC Address 0 Output. Only used
to effectively address 8-bit data non-
multiplexed memories
C11
B13
B11
C13
GPMC0_A1
O
GPMC Address 1 Output in A/D non-
multiplexed mode and Address 17 in
A/D multiplexed mode
C2
B1
A3
A3
GPMC0_A2
O
GPMC Address 2 Output in A/D non-
multiplexed mode and Address 18 in
A/D multiplexed mode
D2
A3
C5
A4
GPMC0_A3
O
GPMC Address 3 Output in A/D non-
multiplexed mode and Address 19 in
A/D multiplexed mode
B2
B3
A4
B5
GPMC0_A4
O
GPMC Address 4 Output in A/D non-
multiplexed mode and Address 20 in
A/D multiplexed mode
D3
A2
B4
A5
GPMC0_A5
O
GPMC Address 5 Output in A/D non-
multiplexed mode and Address 21 in
A/D multiplexed mode
B16
B19
C15
GPMC0_A6
O
GPMC Address 6 Output in A/D non-
multiplexed mode and Address 22 in
A/D multiplexed mode
B1
C3
A5
A6
GPMC0_A7
O
GPMC Address 7 Output in A/D non-
multiplexed mode and Address 23 in
A/D multiplexed mode
A11
A13
A12
A12
GPMC0_A8
O
GPMC Address 8 Output in A/D non-
multiplexed mode and Address 24 in
A/D multiplexed mode
A16
A19
C16
GPMC0_A9
O
GPMC Address 9 Output in A/D non-
multiplexed mode and Address 25 in
A/D multiplexed mode
E3
C2
C4
B2
GPMC0_A10
O
GPMC Address 10 Output in A/D
non-multiplexed mode and Address
26 in A/D multiplexed mode
D1
D2
B1
B1
GPMC0_A11
O
GPMC Address 11 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
E4
D1
C1
B3
GPMC0_A12
O
GPMC Address 12 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
F2
E2
C2
C2
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com