Electronic Components Datasheet Search
  English  ▼

X  

DRA752 Datasheet(PDF) 12 Page - Texas Instruments

Part # DRA752
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRA752 Datasheet HTML 8Page - Texas Instruments DRA752 Datasheet HTML 9Page - Texas Instruments DRA752 Datasheet HTML 10Page - Texas Instruments DRA752 Datasheet HTML 11Page - Texas Instruments DRA752 Datasheet HTML 12Page - Texas Instruments DRA752 Datasheet HTML 13Page - Texas Instruments DRA752 Datasheet HTML 14Page - Texas Instruments DRA752 Datasheet HTML 15Page - Texas Instruments DRA752 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 443 page
background image
12
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
–
O = Output
–
IO = Input or Output
–
D = Open drain
–
DS = Differential Signaling
–
A = Analog
–
PWR = Power
–
GND = Ground
–
CAP = LDO Capacitor
7. BALL RESET STATE: The state of the terminal at power-on reset:
–
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated)
–
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated)
–
OFF: High-impedance
–
PD: High-impedance with an active pulldown resistor
–
PU: High-impedance with an active pullup resistor
–
An empty box means Not Applicable
8. BALL RESET REL. STATE: The state of the terminal at the deactivation of the rstoutn signal (also
mapped to the PRCM SYS_WARM_OUT_RST signal)
–
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated)
–
drive clk (OFF): The buffer drives a toggling clock (pulldown or pullup resistor not activated)
–
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated)
–
OFF: High-impedance
–
PD: High-impedance with an active pulldown resistor
–
PU: High-impedance with an active pullup resistor
–
An empty box means Not Applicable
NOTE
For more information on the CORE_PWRON_RET_RST reset signal and its reset sources,
see the Power Reset and Clock Management / PRCM Reset Management Functional
Description section of the Device TRM.
9. BALL RESET REL. MUXMODE: This muxmode is automatically configured at the release of the
rstoutn signal (also mapped to the PRCM SYS_WARM_OUT_RST signal).
An empty box means Not Applicable.
10. IO VOLTAGE VALUE: This column describes the IO voltage value (VDDS supply).
An empty box means Not Applicable.
11. POWER: The voltage supply that powers the terminal IO buffers.
An empty box means Not Applicable.
12. HYS: Indicates if the input buffer is with hysteresis:
–
Yes: With hysteresis
–
No: Without hysteresis
–
An empty box: Not Applicable
NOTE
For more information, see the hysteresis values in Section 5.7, Electrical Characteristics.
13. BUFFER TYPE: Drive strength of the associated output buffer.
An empty box means Not Applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com