Electronic Components Datasheet Search
  English  ▼

X  

DRA756ABC Datasheet(PDF) 7 Page - Texas Instruments

Part # DRA756ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA756ABC Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRA756ABC Datasheet HTML 3Page - Texas Instruments DRA756ABC Datasheet HTML 4Page - Texas Instruments DRA756ABC Datasheet HTML 5Page - Texas Instruments DRA756ABC Datasheet HTML 6Page - Texas Instruments DRA756ABC Datasheet HTML 7Page - Texas Instruments DRA756ABC Datasheet HTML 8Page - Texas Instruments DRA756ABC Datasheet HTML 9Page - Texas Instruments DRA756ABC Datasheet HTML 10Page - Texas Instruments DRA756ABC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
7
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Table 3-1. Device Comparison(4) (continued)
FEATURES
DEVICE
Jacinto 6 EX
Jacinto 6 EP
Jacinto 6
DRA756
DRA755
DRA754
DRA752
DRA751
DRA750
DRA746
DRA745
DRA744
Video Input Port (VIP)
VIP1
vin1a
Yes
Yes
No
vin1b
Yes
Yes
No
vin2a
Yes
Yes
Yes
vin2b
Yes
Yes
Yes
VIP2
vin3a
Yes
Yes
Yes
vin3b
Yes
Yes
Yes
vin4a
Yes
Yes
Yes
vin4b
Yes
Yes
Yes
VIP3
vin5a
Yes
Yes
No
vin6a
Yes
Yes
No
Video Processing Engine (VPE)
VPE
Yes
Yes
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512KB
512KB
512KB
OCMC_RAM2
1MB
No
No
OCMC_RAM3
1MB
No
No
General-Purpose Memory Controller (GPMC)
GPMC
Yes
Yes
Yes
DDR2/DDR3 Memory Controller (2)
EMIF1
up to 2GB (with optional SECDED)
up to 2GB (with optional SECDED)
up to 2GB
EMIF2
up to 2GB
up to 2GB
up to 2GB
Dynamic Memory Manager (DMM)
DMM
Yes
Yes
Yes
Radio Support
Audio Tracking Logic (ATL)
ATL
Yes
Yes
Yes
Viterbi Coprocessor (VCP)
VCP1
Yes
Yes
Yes
VCP2
Yes
Yes
Yes
Peripherals
Dual Controller Area Network Interface (DCAN)
DCAN1
Yes
Yes
Yes
DCAN2
Yes
Yes
Yes
Enhanced DMA (EDMA)
EDMA
Yes
Yes
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Yes
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
MII, RMII, or RGMII
MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
MII, RMII, or RGMII
MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
up to 247
up to 247
up to 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com