Electronic Components Datasheet Search
  English  ▼

X  

DRA754ABC Datasheet(PDF) 83 Page - Texas Instruments

Part # DRA754ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA754ABC Datasheet(HTML) 83 Page - Texas Instruments

Back Button DRA754ABC Datasheet HTML 79Page - Texas Instruments DRA754ABC Datasheet HTML 80Page - Texas Instruments DRA754ABC Datasheet HTML 81Page - Texas Instruments DRA754ABC Datasheet HTML 82Page - Texas Instruments DRA754ABC Datasheet HTML 83Page - Texas Instruments DRA754ABC Datasheet HTML 84Page - Texas Instruments DRA754ABC Datasheet HTML 85Page - Texas Instruments DRA754ABC Datasheet HTML 86Page - Texas Instruments DRA754ABC Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
83
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
AG24
ddr1_ck
AE24
ddr1_d5
AC15
xi_osc1
AC21
ddr1_a12
K28
ddr2_dqsn2
AB1
mlbp_clk_p
AF12
usb_rxn0
L28
ddr2_d27
M24
ddr2_d29
AH9
sata1_rxn0
AC26
ddr1_dqm2
AA28
ddr1_d31
H28
ddr2_dqsn1
AD23
ddr1_dqm0
E26
ddr2_d0
AE27
ddr1_dqs1
AF27
ddr1_d9
V24
ddr1_ecc_d5
K23
ddr2_dqm2
K20
ddr2_d17
T28
ddr2_ck
H24
ddr2_d10
AG27
ddr1_d10
R23
ddr2_odt0
U27
ddr2_ba1
AF22
ddr1_a8
AA2
mlbp_dat_n
U23
ddr2_ba0
AH21
ddr1_wen
AE21
ddr1_a7
AC12
usb1_dm
AH12
pcie_txp1
Y20
ddr1_d23
AC27
ddr1_d20
AE23
ddr1_d7
T27
ddr2_nck
AG22
ddr1_cke
AD27
ddr1_dqs2
AH14
pcie_txp0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com