Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 181 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 181 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 177Page - Texas Instruments DRA751ABC Datasheet HTML 178Page - Texas Instruments DRA751ABC Datasheet HTML 179Page - Texas Instruments DRA751ABC Datasheet HTML 180Page - Texas Instruments DRA751ABC Datasheet HTML 181Page - Texas Instruments DRA751ABC Datasheet HTML 182Page - Texas Instruments DRA751ABC Datasheet HTML 183Page - Texas Instruments DRA751ABC Datasheet HTML 184Page - Texas Instruments DRA751ABC Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 443 page
background image
181
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
ms. All “Tn” markers show total elapsed time from T0.
(2) Terminology:
–
VOPR MIN = Minimum Operational Voltage level that ensures device functionality and specified performance per Section 5.4,
Recommended Operating Conditions.
–
Ramp Up = transition time from VOFF to VOPR MIN.
(3) General timing diagram items:
–
Grey shaded areas show valid transition times for supplies between VOPR MIN and VOFF.
–
Dashed horizontal lines are not valid ramp times but show alternate transition times based upon common sources and clarified in
associated note.
–
Dashed vertical lines show approximate elapse times based upon TI recommended PMIC power sequencer circuit performance.
(4) vddshv5, vdd_rtc, and vdda_rtc domains:
–
If RTC mode is used, then vdda_rtc, vdd_rtc and vddshv5 must be individually powered with separate power supplies and cannot be
combined with other rails.
–
If RTC-mode is not supported then the following combinations are approved:
–
vdda_rtc can be combined with vdds18v
–
vdd_rtc can be combined with vdd
–
vddshv5 can be combined with other 1.8 V or 3.3 V vddshvn rails
If combinations listed above are not followed then sequencing for these 3 voltage rails should follow the RTC mode timing
requirements.
(5) vdda_* rails should not be combined with vdds18v_* for best performance to avoid transient switching noise impacts on analog domains.
vdda_* should not ramp-up before vdds18v_* but could ramp concurrently if design ensures final operational voltage will not be reached
until after vdds18v. The preferred sequence is to follow all vdds18v_* to ensure circuit components and PCB design do not cause an
inadvertent violation.
(6) vdds_ddr* should not ramp-up before vdds18v_*. The preferred sequence has vdds_ddr1 following vdds18v_* to ensure circuit
components and PCB design do not cause an inadvertent violation. vdds_ddr1 can ramp-up before, concurrently or after vdda_*, there
are no dependencies between vdds_ddr1 and vdda_* domains:
–
For DDR2 mode of operation (1.8 V), vdds_ddr1 supplies can be combined with all vdds18v_* supplies and ramped up together for
simplified PDN and power sequencing.
–
If vdds_ddr1 is combined with vdds18v_ddr1 but kept separate from vdds18v on board, then this combined 1.8 V DDR supply can
come up together or after the vdds18v supply. The 1.8 V DDR supply should never ramp up before the vdds18v.
(7) vdd should not ramp-up before vdds18v_* or vdds_ddr* domains have reached VOPR MIN.
(8) vdd_mpu, vdd_iva, vdd_gpu, vdd_dspeve domains should follow vdd core supply as preferred sequence. If vdd_mpu, vdd_iva, vdd_gpu,
vdd_dspeve domains ramp concurrently or quicker than vdd core, then vdd core must remain at least 150 mV greater than vdd_mpu,
vdd_iva, vdd_gpu, vdd_dspeve domains during ramp. Circuit design (components and PCB) must ensure vdd reaches final operational
voltage before any of the vdd_mpu, vdd_iva, vdd_gpu, vdd_dspeve domains.
(9) VDDA_PHY group should not be combined with VDDA_PLL group to avoid transient switching noise impacts.
(10) vddshv[1-4, 6, 7, 9-11] domains:
–
If 1.8 V I/O signaling is needed, then 1.8 V must be sourced from common vdds18v supply and ramp up concurrently with vdds18v.
–
If 3.3 V I/O signaling is needed, then 3.3 V vddshvx rails must ramp up after vdd_mpu, vdd_iva, vdd_gpu, vdd_dspeve, and
VDDA_PHY group domains.
(11) vdda33v_usb[1-2] domain:
–
If USB1 and USB2 interfaces are used, should be supplied from independent analog supply.
–
If USB1/USB2 interface is not used, could be connected to VSS/GND if both conditions are met:
–
USB1/USB2 diff pair (usb1_dm/usb1_dp; usb2_dm/usb2_dp) pins are left unconnected
–
vdda_usb1 and/or vdda_usb2 PHY is not energized
(12) vddshv8 shows two ramp up options for 1.8 V I/O or 3.3 V I/O or SD Card operation:
–
If 1.8 V I/O signaling is needed, then vddshv8 must ramp up after vdd and before or concurrently with 3.3 V vddshv* rails.
–
If 3.3 V I/O signaling is needed, then vddshv8 must be combined with other 3.3 V vddshv* rails.
–
If SD Card operation is needed, then vddshv8 must be sourced from a dual voltage (3.3 V / 1.8 V) power source per SDIO
specifications and ramp up concurrently with 3.3 V vddshv* rails.
(13) Pulse duration: rtc_porz must remain low 1 ms after vdda_rtc, vddshv5, and vdd_rtc are ramped and stable or can be de-asserted
before but no later than porz. The FUNK_32K_CLK source must be stable and at a valid frequency 1 ms prior to de-asserting rtc_porz
high.
(14) porz must remain asserted low until both of the following conditions are met:
–
Minimum of 12 × P, where P = 1 / (SYS_CLK1 / 610), units in ns.
–
All device supply rails reach stable operational levels.
(15) Setup time: sysboot[15:0] pins must be valid 2P(14) before porz is de-asserted high.
(16) Hold time: sysboot[15:0] pins must be valid 15P(14) after porz is de-asserted high.
(17) rstoutn will be set high after global reset, due to porz, is de-asserted following an internal 2 ms delay. rstoutn is only valid after vddshv3
reaches an operational level. If used as a peripheral component reset, it should be AND gated with porz to avoid possible reset glitches
during power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com