Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 100 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 100 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 96Page - Texas Instruments DRA751ABC Datasheet HTML 97Page - Texas Instruments DRA751ABC Datasheet HTML 98Page - Texas Instruments DRA751ABC Datasheet HTML 99Page - Texas Instruments DRA751ABC Datasheet HTML 100Page - Texas Instruments DRA751ABC Datasheet HTML 101Page - Texas Instruments DRA751ABC Datasheet HTML 102Page - Texas Instruments DRA751ABC Datasheet HTML 103Page - Texas Instruments DRA751ABC Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 443 page
background image
100
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-4. VIP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vin2a_d7
Video Input 2 Port A Data input
I
E4 / V4
vin2a_d8
Video Input 2 Port A Data input
I
F5 / V3
vin2a_d9
Video Input 2 Port A Data input
I
E6 / Y2
vin2a_d10
Video Input 2 Port A Data input
I
D3 / U6
vin2a_d11
Video Input 2 Port A Data input
I
F6 / U3
vin2a_d12
Video Input 2 Port A Data input
I
D5
vin2a_d13
Video Input 2 Port A Data input
I
C2
vin2a_d14
Video Input 2 Port A Data input
I
C3
vin2a_d15
Video Input 2 Port A Data input
I
C4
vin2a_d16
Video Input 2 Port A Data input
I
B2
vin2a_d17
Video Input 2 Port A Data input
I
D6
vin2a_d18
Video Input 2 Port A Data input
I
C5
vin2a_d19
Video Input 2 Port A Data input
I
A3
vin2a_d20
Video Input 2 Port A Data input
I
B3
vin2a_d21
Video Input 2 Port A Data input
I
B4
vin2a_d22
Video Input 2 Port A Data input
I
B5
vin2a_d23
Video Input 2 Port A Data input
I
A4
vin2b_clk1
Video Input 2 Port B Clock input
I
AB5 / H7
vin2b_de1
Video Input 2 Port B Data Enable input
I
AB8 / G2
vin2b_fld1
Video Input 2 Port B Field ID input
I
G2
vin2b_hsync1
Video Input 2 Port B Horizontal Sync input
I
AC5 / G1
vin2b_vsync1
Video Input 2 Port B Vertical Sync input
I
AB4 / G6
vin2b_d0
Video Input 2 Port B Data input
I
AD6 / A4
vin2b_d1
Video Input 2 Port B Data input
I
AC8 / B5
vin2b_d2
Video Input 2 Port B Data input
I
AC3 / B4
vin2b_d3
Video Input 2 Port B Data input
I
AC9 / B3
vin2b_d4
Video Input 2 Port B Data input
I
AC6 / A3
vin2b_d5
Video Input 2 Port B Data input
I
AC7 / C5
vin2b_d6
Video Input 2 Port B Data input
I
AC4 / D6
vin2b_d7
Video Input 2 Port B Data input
I
AD4 / B2
Video Input 3
vin3a_clk0
Video Input 3 Port A Clock input
I
B11 / AH7 / P1
vin3a_de0
Video Input 3 Port A Data Enable input
I
N9 / B3 / B10
vin3a_fld0
Video Input 3 Port A Field ID input
I
P9 / B4 / D11
vin3a_hsync0
Video Input 3 Port A Horizontal Sync input
I
N7 / B5 / C11
vin3a_vsync0
Video Input 3 Port A Vertical Sync input
I
R4 / A4 / E11
vin3a_d0
Video Input 3 Port A Data input
I
M6 / AF1 / B7
vin3a_d1
Video Input 3 Port A Data input
I
M2 / AE3 / B8
vin3a_d2
Video Input 3 Port A Data input
I
L5 / AE5 / A7
vin3a_d3
Video Input 3 Port A Data input
I
M1 / AE1 / A8
vin3a_d4
Video Input 3 Port A Data input
I
L6 / AE2 / C9
vin3a_d5
Video Input 3 Port A Data input
I
L4 / AE6 / A9
vin3a_d6
Video Input 3 Port A Data input
I
L3 / AD2 / B9
vin3a_d7
Video Input 3 Port A Data input
I
L2 / AD3 / A10
vin3a_d8
Video Input 3 Port A Data input
I
L1 / B2 / E8
vin3a_d9
Video Input 3 Port A Data input
I
K2 / D6 / D9
vin3a_d10
Video Input 3 Port A Data input
I
J1 / C5 / D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com