Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 192 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 192 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 188Page - Texas Instruments DRA751ABC Datasheet HTML 189Page - Texas Instruments DRA751ABC Datasheet HTML 190Page - Texas Instruments DRA751ABC Datasheet HTML 191Page - Texas Instruments DRA751ABC Datasheet HTML 192Page - Texas Instruments DRA751ABC Datasheet HTML 193Page - Texas Instruments DRA751ABC Datasheet HTML 194Page - Texas Instruments DRA751ABC Datasheet HTML 195Page - Texas Instruments DRA751ABC Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 443 page
background image
xi_osc1
vssa_osc1
Device
xo_osc1
C
f1
Crystal
Rd
C
f2
(Optional)
xi_osc0
CK0
CK1
CK1
192
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 6-4 details the OSC0 input clock timing requirements.
Table 6-4. OSC0 Input Clock Timing Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1 /
tc(xiosc0)
Frequency, xi_osc0
19.2, 20, 27
MHz
CK1
tw(xiosc0)
Pulse duration, xi_osc0 low or high
0.45
*
tc(xiosc0)
0.55 *
tc(xiosc0)
ns
tj(xiosc0)
Period jitter(1), xi_osc0
0.01 ×
tc(xiosc0)
ns
tR(xiosc0)
Rise time, xi_osc0
5
ns
tF(xiosc0)
Fall time, xi_osc0
5
ns
tj(xiosc0)
Frequency accuracy(2), xi_osc0
Ethernet and MLB not used
±200
ppm
Ethernet RGMII and RMII
using derived clock
±50
Ethernet MII using derived
clock
±100
MLB using derived clock
±50
(1) Period jitter is meant here as follows:
– The maximum value is the difference between the longest measured clock period and the expected clock period
– The minimum value is the difference between the shortest measured clock period and the expected clock period
(2) Crystal characteristics should account for tolerance+stability+aging.
Figure 6-5. xi_osc0 Input Clock
6.1.3
Auxiliary Oscillator OSC1 Input Clock
SYS_CLK2 is received directly from oscillator OSC1. For more information about SYS_CLK2 see Device
TRM, Chapter: Power, Reset, and Clock Management.
6.1.3.1
OSC1 External Crystal
An external crystal is connected to the device pins. Figure 6-6 describes the crystal implementation.
Figure 6-6. Crystal Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com