Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 220 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 220 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 216Page - Texas Instruments DRA751ABC Datasheet HTML 217Page - Texas Instruments DRA751ABC Datasheet HTML 218Page - Texas Instruments DRA751ABC Datasheet HTML 219Page - Texas Instruments DRA751ABC Datasheet HTML 220Page - Texas Instruments DRA751ABC Datasheet HTML 221Page - Texas Instruments DRA751ABC Datasheet HTML 222Page - Texas Instruments DRA751ABC Datasheet HTML 223Page - Texas Instruments DRA751ABC Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
220
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-10. Manual Functions Mapping for VIP2 4A (continued)
BALL
BALL NAME
VIP2_4A_MANUAL1
VIP2_4A_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps) G_DELAY (ps) A_DELAY (ps) G_DELAY (ps)
3
4
5
A7
vout1_d18
2096
412
2394
390
CFG_VOUT1_D18_IN
vin4a_d2
-
-
A8
vout1_d19
2106
72
2423
21
CFG_VOUT1_D19_IN
vin4a_d3
-
-
F10
vout1_d2
2023
648
2374
572
CFG_VOUT1_D2_IN
vin4a_d18
-
-
C9
vout1_d20
2027
767
2370
700
CFG_VOUT1_D20_IN
vin4a_d4
-
-
A9
vout1_d21
2026
184
2354
128
CFG_VOUT1_D21_IN
vin4a_d5
-
-
B9
vout1_d22
2061
195
2397
135
CFG_VOUT1_D22_IN
vin4a_d6
-
-
A10
vout1_d23
1764
607
2251
396
CFG_VOUT1_D23_IN
vin4a_d7
-
-
G11
vout1_d3
2053
757
2377
707
CFG_VOUT1_D3_IN
vin4a_d19
-
-
E9
vout1_d4
2119
617
2392
619
CFG_VOUT1_D4_IN
vin4a_d20
-
-
F9
vout1_d5
1951
712
2305
633
CFG_VOUT1_D5_IN
vin4a_d21
-
-
F8
vout1_d6
2119
515
2365
543
CFG_VOUT1_D6_IN
vin4a_d22
-
-
E7
vout1_d7
2119
779
2363
810
CFG_VOUT1_D7_IN
vin4a_d23
-
-
E8
vout1_d8
2043
807
2357
768
CFG_VOUT1_D8_IN
vin4a_d8
-
-
D9
vout1_d9
2166
643
2412
671
CFG_VOUT1_D9_IN
vin4a_d9
-
-
B10
vout1_de
1982
410
2353
314
CFG_VOUT1_DE_IN
vin4a_de0
-
-
B11
vout1_fld
0
0
0
0
CFG_VOUT1_FLD_IN
vin4a_clk0
-
-
C11
vout1_hsync
1755
305
2269
4
CFG_VOUT1_HSYNC_IN
vin4a_hsync0
-
-
E11
vout1_vsync
1924
8
2066
0
CFG_VOUT1_VSYNC_IN
vin4a_vsync0
-
-
Manual IO Timings Modes must be used to ensure some IO timings for VIP2. See Table 7-2 Modes Summary for a list of IO timings requiring the
use of Manual IO Timings Modes. See Table 7-11 Manual Functions Mapping for VIP2 4A IOSET3 for a definition of the Manual modes.
Table 7-11 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the CFG_x registers.
Table 7-11. Manual Functions Mapping for VIP2 4A IOSET3
BALL
BALL NAME
VIP2_4A_IOSET3_MANUAL1
VIP2_4A_IOSET3_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
8
E21
gpio6_14
683
0
939
0
CFG_GPIO6_14_IN
vin4a_hsync0
F20
gpio6_15
1065
0
1321
0
CFG_GPIO6_15_IN
vin4a_vsync0
F21
gpio6_16
858
0
1114
0
CFG_GPIO6_16_IN
vin4a_fld0
B14
mcasp1_aclkr
1711
23
1990
0
CFG_MCASP1_ACLKR_IN
vin4a_d0
G13
mcasp1_axr2
2131
1054
2423
1073
CFG_MCASP1_AXR2_IN
vin4a_d2
J11
mcasp1_axr3
2267
691
2573
696
CFG_MCASP1_AXR3_IN
vin4a_d3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com