| Electronic Components Datasheet Search |
|
DRA751ABC Datasheet(PDF) 106 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA751ABC Datasheet(HTML) 106 Page - Texas Instruments |
|
106 / 443 page ![]() 106 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 SPRS950F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-6. HDMI Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL hdmi1_hpd HDMI display hot plug detect I B21/ G20 hdmi1_ddc_scl HDMI display data channel clock IOD C25 hdmi1_ddc_sda HDMI display data channel data IOD F17 hdmi1_clockx HDMI clock differential positive or negative ODS AG16 hdmi1_clocky HDMI clock differential positive or negative ODS AH16 hdmi1_data2x HDMI data 2 differential positive or negative ODS AG19 hdmi1_data2y HDMI data 2 differential positive or negative ODS AH19 hdmi1_data1x HDMI data 1 differential positive or negative ODS AG18 hdmi1_data1y HDMI data 1 differential positive or negative ODS AH18 hdmi1_data0x HDMI data 0 differential positive or negative ODS AG17 hdmi1_data0y HDMI data 0 differential positive or negative ODS AH17 4.4.4 External Memory Interface (EMIF) NOTE For more information, see the Memory Subsystem / EMIF Controller section of the device TRM. NOTE The index numbers 1 and 2 which are part of the EMIF1 and EMIF2 signal prefixes (ddr1_* and ddr2_*) listed in Table 4-7, EMIF Signal Descriptions, not to be confused with DDR1 and DDR2 types of SDRAM memories. Table 4-7. EMIF Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL EMIF Channel 1 ddr1_csn0 EMIF1 Chip Select 0 O AH23 ddr1_cke EMIF1 Clock Enable O AG22 ddr1_ck EMIF1 Clock O AG24 ddr1_nck EMIF1 Negative Clock O AH24 ddr1_odt0 EMIF1 On-Die Termination for Chip Select 0 O AE20 ddr1_casn EMIF1 Column Address Strobe O AC18 ddr1_rasn EMIF1 Row Address Strobe O AF20 ddr1_wen EMIF1 Write Enable O AH21 ddr1_rst EMIF1 Reset output (DDR3-SDRAM only) O AG21 ddr1_ba0 EMIF1 Bank Address O AF17 ddr1_ba1 EMIF1 Bank Address O AE18 ddr1_ba2 EMIF1 Bank Address O AB18 ddr1_a0 EMIF1 Address Bus O AD20 ddr1_a1 EMIF1 Address Bus O AC19 ddr1_a2 EMIF1 Address Bus O AC20 ddr1_a3 EMIF1 Address Bus O AB19 ddr1_a4 EMIF1 Address Bus O AF21 ddr1_a5 EMIF1 Address Bus O AH22 ddr1_a6 EMIF1 Address Bus O AG23 ddr1_a7 EMIF1 Address Bus O AE21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |