Electronic Components Datasheet Search
  English  ▼

X  

SA9904A Datasheet(PDF) 6 Page - Sames

Part # SA9904A
Description  Three Phase Power / Energy IC with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9904A Datasheet(HTML) 6 Page - Sames

Back Button SA9904A Datasheet HTML 2Page - Sames SA9904A Datasheet HTML 3Page - Sames SA9904A Datasheet HTML 4Page - Sames SA9904A Datasheet HTML 5Page - Sames SA9904A Datasheet HTML 6Page - Sames SA9904A Datasheet HTML 7Page - Sames SA9904A Datasheet HTML 8Page - Sames SA9904A Datasheet HTML 9Page - Sames SA9904A Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
sames
sames
SA9904A
6/12
http://www.sames.co.za
Figure 5: SPI waveforms
SPI - INTERFACE
DESCRIPTION
A serial peripheral interface bus (SPI) is a synchronous bus
used for data transfers between a micro controller and the
SA9904A. The pins DO (Serial Data Out), DI (Serial Data In),
CS (Chip Select), and SCK (Serial Clock) are used in the bus
implementation. The SA9904A is the slave device with the
micro controller being bus master. The CS input initiates and
terminates data transfers. A SCK signal (generated by the
micro controller) strobes data between the micro-controller
and the SCK pin of the SA9904A device. The DI and DO pins
are the serial data input and output pins for the SA9904A,
respectively.
REGISTER ACCESS
The SA9904A contains four 24 bit registers for each phase.
The content represents active energy, reactive energy, mains
voltage and mains frequency. The register addresses are
shown in the following table:
ID
1
2
3
4
5
6
7
8
9
10
11
12
Register
Active Phase 1
Reactive Phase 1
Voltage Phase 1
Frequency Phase 1
Active Phase 2
Reactive Phase 2
Voltage Phase 2
Frequency Phase 2
Active Phase 3
Reactive Phase 3
Voltage Phase 3
Frequency Phase 3
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
A5
X
X
X
X
X
X
X
X
X
X
X
X
A4
X
X
X
X
X
X
X
X
X
X
X
X
A3
0
0
0
0
0
0
0
0
1
1
1
1
A2
0
0
0
0
1
1
1
1
0
0
0
0
A1
0
0
1
1
0
0
1
1
0
0
1
1
A0
0
1
0
1
0
1
0
1
0
1
0
1
Header
bits
The sequence 110 (0x06) must precede the 6-bit address of
the register being accessed. When CS is HIGH, data on pin DI
is clocked into the SA9904A on the rising edge of SCK. Figure
5 shows the data clocked into DI comprising of 1 1 0 A5 A4 A3
A2 A1 A0.
Address locations A5 and A4 are included for compatibility with
future developments.
Registers may be read individually and in any order. After a
register has been read, the contents of the next register value
will be shifted out on the DO pin with every SCK clock cycle.
Data output on DO will continue until CS is inactive.
The 9 bits needed for register addressing can be padded with
leading zeros when the micro-controller requires a 8 bit SPI
word length. The following sequence is valid:
0000 0001 10A5A4
A3A2A1A0
1
1
A5
A0
A1
A2
A3
A4
0
D23
D22
D21
D1
D0
D23
D22
D1
D0
DO
DI
SCK
CS
Read command
Register address
Register Data
Next data register
High impedance
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com