Electronic Components Datasheet Search
  English  ▼

X  

1N3765 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1N3765
Description  Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3765 Datasheet(HTML) 4 Page - Vishay Siliconix

  1N3765 Datasheet HTML 1Page - Vishay Siliconix 1N3765 Datasheet HTML 2Page - Vishay Siliconix 1N3765 Datasheet HTML 3Page - Vishay Siliconix 1N3765 Datasheet HTML 4Page - Vishay Siliconix 1N3765 Datasheet HTML 5Page - Vishay Siliconix 1N3765 Datasheet HTML 6Page - Vishay Siliconix 1N3765 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-1N1183, VS-1N3765, VS-1N1183A, VS-1N2128A Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Jul-2018
4
Document Number: 93492
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Maximum Low Level Forward Power Loss vs.
Average Forward Current, 1N1183A Series
Fig. 8 - Maximum High Level Forward Power Loss vs.
Average Forward Current, 1N1183A Series
Fig. 9 - Maximum Forward Voltage vs. Forward Current,
1N1183A Series
Fig. 10 - Maximum Non-Repetitive Surge Current vs.
Number of Current Pulses, 1N1183A Series
Fig. 11 - Maximum Non-Repetitive Surge Current vs.
Number of Current Pulses, 1N2128A Series
Fig. 12 - Maximum Allowable Case Temperature vs.
Average Forward Current, 1N2128A Series
30
20
10
0
40
50
60
70
80
90
100
010
20
30
40
60
50
70
+180 °C
Wave
+180 °C
Wave
+Conduction Period
T
J = 200 °C
DC
+120 °C
&
Wave
+60 °C
&
Wave
Average Forward Current Over Full Cycle (A)
+180 °C
Wave
+180 °C
Wave
+Conduction Period
T
J = 200 °C
DC
+120 °C
&
Wave
+60 °C
&
Wave
Average Forward Current Over Full Cycle (A)
10
3
10
4
10
2
10
1
10
10
2
10
3
Instantaneous Forward Voltage (V)
10
4
10
3
10
2
10
1
10
-1
1.5
2
0.5
0
1
2.5
3
3.5
T
J = 25 °C
T
J = 200 °C
Number of Equal Amplitude
Current Pulses (N)
12
4
6 8 10
20
40 60
0.3
0.7
0.5
0.4
0.6
0.8
0.9
1.0
At any rated load condition and with
rated V
RRM applied following surge
50 Hz
60 Hz
Series
Per Unit Base-A
1N1183A
800
Number of Equal Amplitude
Current Pulses (N)
12
4
6 8 10
20
40 60
0.3
0.7
0.5
0.4
0.6
0.8
0.9
1.0
At any rated load condition and with
rated V
RRM applied following surge
50 Hz
60 Hz
Series
Per Unit Base-A
1N2128A
900
Average Forward Current Over Full Cycle (A)
010
20
30
40
60
50
70
60
140
100
80
120
160
180
200
90
80
100
+Conduction Period
+120 °C
&
Wave
+60 °C
&
Wave
DC
+180 °C
Wave
+180 °C
Wave



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com