Electronic Components Datasheet Search
  English  ▼

X  

SERIES2200 Datasheet(PDF) 4 Page - TEKTRONIX, INC

Part # SERIES2200
Description  Single-Channel Programmable DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

SERIES2200 Datasheet(HTML) 4 Page - TEKTRONIX, INC

  SERIES2200 Datasheet HTML 1Page - TEKTRONIX, INC SERIES2200 Datasheet HTML 2Page - TEKTRONIX, INC SERIES2200 Datasheet HTML 3Page - TEKTRONIX, INC SERIES2200 Datasheet HTML 4Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A Greater Measure of Confidence
www.keithley.com
1.888.KEITHLEY (U.S. only)
series 2200
Single-Channel Programmable
DC Power Supplies
GENEral
COMMUNICATIONS: USB: Type B connector, USB-TMC compatible.
GPIB: IEEE-488 .2 compliant .
DISPLAy: Vacuum fluorescent display.
MEMORy: 40 setup memories .
LIST MODE: Up to seven lists can be defined, each with up to 80 steps . Each step includes
a voltage limit and a current limit . For continuous sequences each step also includes a
duration .
OUTPUT, SENSE, STATUS, AND CONTROL: Removable screw terminal block carries the
following signals:
Output Channel: Duplicates the front panel outputs .
Remote Sense Lines: Connection for remote sense.
Control Input: Multifunction TTL input which can function as a trigger input, output control
line, or digital input .
Status Output: Multifunction TTL output which can function as a fault indication, or
digital output .
FLOATING VOLTAGE RATING: Up to 100V (DC + peak AC) between earth ground and any
output terminal .
POWER SOURCE:
110V AC Setting: 99V
RMS to 132VRMS .
220V AC Setting: 198V
RMS to 264VRMS .
Frequency: 50/60Hz .
Power Consumption: 2200-20-5, 2200-32-3, 2200-72-1: 250VA .
2200-30-5, 2200-60-2: 350VA .
EMC:
European Union: EN 55011, Class A; IEC 61000-3-2; IEC 61000-3-3, IEC 61000-4-2, IEC
61000-4-3, IEC 61000-4-4, IEC 61000-4-5, IEC 61000-4-6, IEC 61000-4-8, IEC 61000-4-11.
USA: FCC, CFR Title 47, Part 15, Subpart B, Class A .
Australia: EMC Framework, demonstrated per Emission Standard AS/NZS 2064 (industrial,
scientific, and medical equipment).
SAFETy:
European Union: Low voltage directive 2006/95/EC; EN61010-1 2001.
USA: Nationally recognized testing laboratory listing UL61010-1-2004.
Canada: CAN/CSA C22 .2 No. 61010-1 2004.
DIMENSIONS:
With Boot: 106mm high × 242mm wide × 384mm deep (4.15 in × 9.52 in × 15.12 in).
Without Boot: 91mm high × 218mm wide × 362mm deep (3.57 in × 8 .55 in × 14.24 in).
SHIPPING WEIGHT: 2200-20-5, 2200-32-3, 2200-72-1: 9.0kg .
2200-30-5, 2200-60-2: 9.6kg .
NET WEIGHT:
2200-20-5, 2200-30-5, 2200-32-3, 2200-72-1: 7.3kg .
2200-60-2: 7.0kg .
ENVIRONMENT:
Altitude: Operating: Up to 2,000m above sea level .
Storage: Up to 4,000m above sea level .
Operating: 0° to +40°C, 5% to 95% R .H . up to +40°C .
Storage:
–20° to +70°C, 5% to 95% R .H . up to +40°C .
–20° to +70°C, 5% to 60% R .H . above +40°C up to +70°C .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com