Electronic Components Datasheet Search
  English  ▼

X  

D00535 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D00535
Description  SDS Drill Bits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D00535 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D00535 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ì hard alloy tipped
Ì Chrome vanadium steel
Ì For drilling concrete, wallboard,
stone, brick and slate
Ì Suitable for all SDS direct fitting ham-
mer drills
Price Each
Dia (mm)
Length
Order Code
4
110mm
151-7755
5
110mm
151-7756
5.5
110mm
151-7757
6
110mm
151-7758
7
110mm
151-7759
8
110mm
151-7760
10
110mm
151-7761
12
110mm
151-7762
8
210mm
151-7763
10
210mm
151-7765
12
210mm
151-7766
14
210mm
151-7767
16
210mm
151-7768
20
210mm
151-7769
SDS Drill Bits
494528.473769


Similar Part No. - D00535

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D00505 DURATOOL-D00505 Datasheet
53Kb / 1P
HSS Jobber Drill Bit Sets
D00510 DURATOOL-D00510 Datasheet
30Kb / 1P
Masonry Drill Bits
D00511 DURATOOL-D00511 Datasheet
30Kb / 1P
Masonry Drill Bits
D00513 DURATOOL-D00513 Datasheet
30Kb / 1P
Masonry Drill Bits
D00514 DURATOOL-D00514 Datasheet
30Kb / 1P
Masonry Drill Bits
More results

Similar Description - D00535

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS023 ETC2-SDS023 Datasheet
93Kb / 1P
SpectraDIL - 023 style SDS, SDC, SDD ranges
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
SDS-8-014 ETC2-SDS-8-014 Datasheet
82Kb / 1P
SpectraDIL - 014 style SDS, SDC, SDD ranges
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
logo
XP Power Limited
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
60 Watts SDS Series
logo
Rosenberger Hochfrequen...
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
List of Unclassifed Man...
DT7926-XJ ETC1-DT7926-XJ Datasheet
110Kb / 2P
EXTREME 2??Metal Drill Bit Sets
logo
SparkFun Electronics
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com