Electronic Components Datasheet Search
  English  ▼

X  

SPC22125. Datasheet(PDF) 2 Page - Premier Farnell Limited.

Part # SPC22125.
Description  Solder Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

SPC22125. Datasheet(HTML) 2 Page - Premier Farnell Limited.

  SPC22125. Datasheet HTML 1Page - Premier Farnell Limited. SPC22125. Datasheet HTML 2Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solder Wire
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <2>
13/01/23
V1.1
Important Notice :
This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the
Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number
Standard
Wire
Gauge
(AWG)
Diameter
Alloy
Content
Tin/
Lead
Weight
Flux
%
Flux
Type
Softening
Point
Celsius (Flux
Extract)
Acid
Number
(mg-
KOH/ G
Sample)
SIR
(Surface
Insulation
Resist-
ance)
Inches
mm
SPC22125
21
0.025
0.64
63/37
0.5 Ibs.
3.3%
Rosin
(RA)
80°C
150-160
>1.0 × 109
SPC22136
20
0.032
0.81
60/40
1Ibs.
Water
Soluble
60°C
120-130
SPC22137
20
0.032
0.81
63/37
1Ibs.
SPC22138
20
0.032
0.81
63/37
1Ibs.
Rosin
(RMA)
92°C
150-160
SPC22139
20
0.032
0.81
63/37
1Ibs.
1.1%
No Clean
(NC600)
75°C
190-210
SPC22140
24
0.02
0.51
63/37
1Ibs.
Note
The Water Soluble Solder has a flux within that must be
cleaned; therefore, the Flux Extract Softening Point Test does
not apply.
Acid Number test is based upon the IPC-TM-650 test method.
Flux Appearance : Amber Solid
Part Number Table
Description
Part Number
Solder Wire
SPC22126
SPC22127
SPC22128
SPC22129
SPC22130
SPC22131
SPC22132
SPC22133
SPC22134
SPC22135
SPC22123
SPC22124
SPC22125
SPC22136
SPC22137
SPC22138
SPC22139
SPC22140



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com