Electronic Components Datasheet Search
  English  ▼

X  

PLF263441C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLF263441C
Description  Varta PoLiFlex짰 Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLF263441C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLF263441C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLF 263441 C
Varta PoLiFlex® Battery
Preliminary Data Sheet
1
Type Designation
Type Number
Cell Code
System
UL Recognition
Nominal Voltage [V]
Typical Capacity [mAh]
Minimum Capacity C [mAh]
Dimensions [mm]
Length (l)
Width (w)
Height (h)
Pouch (a)
Weight, approx. [g]
Charging Method
Charge Voltage [V]
Initial Charge Current [mA]
Charging Cut-Off (a) or (b)
a) by time [h]
b) by min. current [mA]
Discharge Cut-Off voltage [V]
Max. Pulse Discharge Current [mA]
Max. Continuous Discharge Current [mA]
Operating Temperature [°C]
Storage Temperature
Capacity Recovery Rate
2) [%]
Impedance Initial [mΩ]
Life Expectancy 1C/1C, 20°C [Cycles]
PLF 263441 C
66520
PLF263441.04/05
Lithiumcobaltoxide-Graphite /
Polymer Lithium Electrolyte
Pending
3.7 (average)
340 (at C/5 from 4.2 V to 3.0 V at 20°C)
320 (at C/5 from 4.2 V to 3.0 V at 20°C)
41
+ 0.2/- 0.3
34
- 0.5
2.6 (max 2.8 Bending)
36.5 + 0.5
8
Constant Current + Constant Voltage
4.20 (+/- 50 mV)
Standard Charge: C/2
Rapid Charge:
1C
Standard Charge: 5
Rapid Charge:
3
C/50
3.0
3C @ 2s
2C
Charge:
0 to 45
Discharge:
-20 to 60
1 Year at -20 to 20°C >80
3 Month at -20 to 45°C >80
1 Month at -20 to 60°C >80
< 100 @ 1kHz
> 500 (>70 % of Cmin)
2)
After storage at initial cell voltage of 3.7 to 3.9 V/cell; capacity C/5 measured at 20°C.
1 Prior to use read Handling Precaution and
VARTA Microbattery GmbH
Prohibitions for VARTA PoLiFlex® Batteries
Daimlerstr. 1, D-73479 Ellwangen, Germany
Tel: (+49)7961-921-0; Fax: (+49)7961-921-553
Subject to change without prior notice !
Version: 06/WoS


Similar Part No. - PLF263441C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PLF2224 INFINEON-PLF2224 Datasheet
499Kb / 2P
24 2G Switch on a Chip with Embedded Memory
logo
Arch Electronics Corp.
PLF25 ARCH-PLF25 Datasheet
224Kb / 2P
LED Power
PLF25-1050 ARCH-PLF25-1050 Datasheet
224Kb / 2P
LED Power
PLF25-1400 ARCH-PLF25-1400 Datasheet
224Kb / 2P
LED Power
PLF25-350 ARCH-PLF25-350 Datasheet
224Kb / 2P
LED Power
More results

Similar Description - PLF263441C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V381 ETC-V381 Datasheet
74Kb / 1P
BATTERY
PLF443441C ETC2-PLF443441C Datasheet
34Kb / 1P
Varta PoLiFlex짰 Battery
LIC18650-24AC ETC2-LIC18650-24AC Datasheet
173Kb / 1P
Varta Li-Ion Battery
logo
Adam Technologies, Inc.
BH-25 ADAM-TECH-BH-25 Datasheet
155Kb / 1P
BATTERY HOLDERS COIN CELL BATTERY HOLDERS
logo
Shenzhen Huazhimei Semi...
HM5802 HMSEMI-HM5802 Datasheet
555Kb / 8P
HM5802- Battery Charger Battery Protection SOC
HM5803 HMSEMI-HM5803 Datasheet
613Kb / 7P
HM5803- Battery Charger Battery Protection SOC
logo
M-System Co.,Ltd.
PSN-BAT MSYSTEM-PSN-BAT Datasheet
83Kb / 2P
BATTERY
logo
Pepperl+Fuchs Inc.
BP_P01_HC_JP PF-BP_P01_HC_JP Datasheet
418Kb / 1P
Battery
BP_P01_SC_JP PF-BP_P01_SC_JP Datasheet
414Kb / 1P
Battery
logo
PHOENIX CONTACT
2701383 PHOENIX-2701383 Datasheet
51Kb / 2P
Battery / accumulator - HMI BATTERY
09/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com