Electronic Components Datasheet Search
  English  ▼

X  

VM4 Datasheet(PDF) 1 Page - ABB

Part # VM4
Description  Connexion Accessories for Starting Solutions Accessories for AF09 ... AF38 3-pole Contactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

VM4 Datasheet(HTML) 1 Page - ABB

  VM4 Datasheet HTML 1Page - ABB VM4 Datasheet HTML 2Page - ABB VM4 Datasheet HTML 3Page - ABB VM4 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BEA16-4
A1
A2
A1
A2
3
1
5
3
1
5
4
2
6
4
2
6
BER16-4
A1
A2
A1
A2
3
1
5
3
1
5
4
2
6
4
2
6
A1
A2
3
1
5
4
2
6
BEY16-4
1SBC 101 137 S0201
Connecting links with manual motor starters
Description
The BEA..-4 connecting links are used to connect AF09 ... AF38 contactors with the MS116 or MS132 manual
motor starters.
The BEA..-4 insulated 3-pole connecting links ensure the electrical and mechanical connection between the con-
tactor and the associated manual motor starter.
Ordering Details
For contactors
Type
Order code
Pack(ing) Weight
pieces
kg (1 pce)
AF09 ... AF16 with MS116 and MS132
BEA16-4
1SBN 081 306 T1000
10
0.025
AF26 ... AF38 with MS132-12 ... MS132-32
BEA38-4
1SBN 082 306 T2000
10
0.030
Connection sets for reversing contactors
Description
BER16-4 and BER38-4 connection sets between the main poles of two 3-pole contactors mounted side by side.
The connection sets are made up of 1 upstream and 1 downstream connections: insulated, solid copper bars.
Ordering Details
For contactors
Type
Order code
Pack(ing) Weight
pieces
kg (1 pce)
AF09 ... AF16
BER16-4
1SBN 081 311 R1000
1
0.045
AF26 ... AF38
BER38-4
1SBN 082 311 R1000
1
0.100
Connection sets for Star-Delta starting
Description
BEY16-4 and BEY38-4 connection sets between the main poles of the Line, Delta and Star contactors of a Star-
Delta starter.
The connection sets are made up of:
— Line contactor / Delta contactor: upstream phase-to-phase connection
— Delta contactor / Star contactor: downstream connection in parallel
— Star contactor: Star point upstream.
Ordering Details
For Line, Delta and
Star contactors
Interlock unit
between Delta & Star
contactors
Type
Order code
Pack(ing) Weight
pieces
kg (1 pce)
AF09 ... AF16
With or without
VM4 or VEM4
BEY16-4
1SBN 081 313 R2000
1
0.050
AF26 ... AF38
BEY38-4
1SBN 082 713 R2000
1
0.110
Connexion Accessories for Starting Solutions
Accessories for AF09 ... AF38 3-pole Contactors
Catalogue Page
14 | ABB


Similar Part No. - VM4

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
VM400 COMPUTAR-VM400 Datasheet
66Kb / 1P
5mm Adapter Ring
2006.4
logo
Kemet Corporation
VM474MK122R030P050 KEMET-VM474MK122R030P050 Datasheet
61Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 38 V, 30 VAC, 47 V, 50 V, 77 V, 10 A, 1.2 kA, 10 J, 12 J, 30 mW
VM474MK801R014P050 KEMET-VM474MK801R014P050 Datasheet
983Kb / 12P
VM Series Dual Function Automotive Grade 125째C
VM474MK801R020P050 KEMET-VM474MK801R020P050 Datasheet
61Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 26 V, 20 VAC, 33 V, 36 V, 54 V, 5 A, 800 A, 3.2 J, 6 J, 15 mW
logo
Mercury United Electron...
VM47S MERCURY-VM47S Datasheet
98Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
More results

Similar Description - VM4

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM_05 Datasheet
470Kb / 2P
Suitable for automobile accessories
logo
List of Unclassifed Man...
1455A802 ETC2-1455A802 Datasheet
114Kb / 1P
See website for accessories
logo
Hammond Manufacturing L...
R543-000-001 HAMMOND-R543-000-001 Datasheet
53Kb / 3P
ACCESSORIES For Technocase Enclosures
logo
Hamamatsu Corporation
C1103-04 HAMAMATSU-C1103-04_15 Datasheet
222Kb / 8P
Accessories for infrared detectors
logo
WAGO Kontakttechnik Gmb...
756-9301-040-000 WAGO-756-9301-040-000 Datasheet
163Kb / 3P
Accessories; 4-pole
22.11.2021
756-9301-050-000 WAGO-756-9301-050-000 Datasheet
175Kb / 3P
Accessories; 5-pole
22.11.2021
756-9503-040-000 WAGO-756-9503-040-000 Datasheet
282Kb / 3P
Accessories; 4-pole
22.11.2021
756-9504-040-000 WAGO-756-9504-040-000 Datasheet
251Kb / 3P
Accessories; 4-pole
22.11.2021
logo
Littelfuse
5543-15 LITTELFUSE-5543-15 Datasheet
280Kb / 1P
ACCESSORIES FOR TOGGLE SWITCHES
2019 Rev: 061219
logo
3M Electronics
61-5002-8098-9_HR 3M-61-5002-8098-9_HR Datasheet
4Mb / 58P
Accessories for Surface Modification
REV 7/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com