Electronic Components Datasheet Search
  English  ▼

X  

AV-155 Datasheet(PDF) 12 Page - ABB

Part # AV-155
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AV-155 Datasheet(HTML) 12 Page - ABB

Back Button AV-155 Datasheet HTML 8Page - ABB AV-155 Datasheet HTML 9Page - ABB AV-155 Datasheet HTML 10Page - ABB AV-155 Datasheet HTML 11Page - ABB AV-155 Datasheet HTML 12Page - ABB AV-155 Datasheet HTML 13Page - ABB AV-155 Datasheet HTML 14Page - ABB AV-155 Datasheet HTML 15Page - ABB AV-155 Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
3
3/2
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915
Rod
Type SRH, FC, YH & SSYH
Ø
A
B
C
FC-7
T
8 Nm
FM
Approvals
Ø
Ø
A
YH-1021
T
3 Nm
YH
Girder clamp for threaded rod
Part no. ABB order code
T (mm)
Ø (mm)
A (mm)
B (mm)
C (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
SRH
7TCA084220R0406 Max 25
M10
71
60
12
200
F8+
10
Girder clamps for threaded rod
Part no. ABB order code
T (mm)
Ø (mm)
A (mm)
B (mm)
C (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
FC-7
7TCA084220R0159 Max 19
7
50
42
45
120
F1
25
FC-9
7TCA084220R0161 Max 19
9
50
42
45
120
F1
25
FC-11
7TCA084220R0153 Max 19
11
50
42
45
250
F1
25
FC-13
7TCA084220R0156 Max 23
13
59
49
54
350
F1
25
FC-6T
7TCA084220R0158 Max 19
M6
50
42
45
120
F1
25
FC-8T
7TCA084220R0160 Max 19
M8
50
42
45
120
F1
25
FC-10T
7TCA084220R0152 Max 19
M10
50
42
45
250
F1
25
FC-12T
7TCA084220R0155 Max 23
M12
59
49
54
350
F1
25
Girder clamps for threaded rod
Part no.
ABB order code
T (mm)
Ø (mm)
A (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
YH-1021
7TCA084220R0558 10-21
14
47
110
F2
25
YH-1533
7TCA084220R0560 15-33
14
60
110
F2
25
YH-3247
7TCA084220R0562 32-47
14
70
110
F2
25
SSYH-1021 7TCA084220R0455 10-21
14
47
110
F3
25
SSYH-1533 7TCA084220R0457 15-33
14
60
110
F3
25
SSYH-3247 7TCA084220R0459 32-47
14
70
110
F3
25
T
B
A
C
200KG
100KG
45
°
250KG
70KG
6 Nm
180
°
Ø
SRH
Max 30
°
Ø10mm
Ø10mm
Ø
A
B
C
FC-7
T
8 Nm
Ø
Ø
A
YH-1021
T
3 Nm
YH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com